Electronic Components Datasheet Search
  English  ▼

X  

MIC5256 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5256
Description  150mA UCap LDO with Error Flag
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5256 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5256 Datasheet HTML 1Page - Micrel Semiconductor MIC5256 Datasheet HTML 2Page - Micrel Semiconductor MIC5256 Datasheet HTML 3Page - Micrel Semiconductor MIC5256 Datasheet HTML 4Page - Micrel Semiconductor MIC5256 Datasheet HTML 5Page - Micrel Semiconductor MIC5256 Datasheet HTML 6Page - Micrel Semiconductor MIC5256 Datasheet HTML 7Page - Micrel Semiconductor MIC5256 Datasheet HTML 8Page - Micrel Semiconductor MIC5256 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MIC5256
Micrel
June 2003
3
MIC5256
Electrical Characteristics
V
IN = VOUT + 1V, VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage Accuracy
I
OUT = 100µA
–1+1
%
–2+2
%
∆V
LNR
Line Regulation
V
IN = VOUT + 1V to 6V
0.02
0.05
%/V
∆V
LDR
Load Regulation
I
OUT = 0.1mA to 150mA, Note 5
1.5
2.5
%
V
IN – VOUT
Dropout Voltage, Note 6
I
OUT = 100µA
0.1
5.0
mV
I
OUT = 100mA
90
150
mV
I
OUT = 150mA
135
200
mV
250
mV
I
Q
Quiescent Current
V
EN ≤ 0.4V (shutdown)
0.2
1
µA
I
GND
Ground Pin Current, Note 7
I
OUT = 0mA
90
150
µA
I
OUT = 150mA
117
µA
PSRR
Power Supply Rejection
f = 10Hz, V
IN = VOUT + 1V; COUT = 1µF60
dB
f = 100Hz, V
IN = VOUT + 0.5V; COUT = 1µF60
dB
f = 10kHz, V
IN = VOUT + 0.5V
45
dB
I
LIM
Current Limit
V
OUT = 0V
160
425
mA
e
n
Output Voltage Noise
tbd
µV(rms)
Enable Input
V
IL
Enable Input Logic-Low Voltage
V
IN = 2.7V to 5.5V, regulator shutdown
0.4
V
V
IH
Enable Input Logic-High Voltage
V
IN = 2.7V to 5.5V, regulator enabled
1.6
V
I
EN
Enable Input Current
V
IL ≤ 0.4V, regulator shutdown
0.01
µA
V
IH ≥ 1.6V, regulator enabled
0.01
µA
Shutdown Resistance Discharge
500
Ω
Error Flag
V
FLG
Low Threshold
% of V
OUT (Flag ON)
90
%
High Threshold
% of V
OUT (Flag OFF)
96
%
V
OL
Output Logic-Low Voltage
I
L = 100µA, fault condition
0.02
0.1
V
I
FL
Flag Leakage Current
flag off, V
FLG = 6V
0.01
µA
Thermal Protection
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
The maximum allowable power dissipation of any T
A (ambient temperature) is PD(max) = TJ(max)–TA/θJA. Exceeding the maximum allowable
Absolute Maximum Ratings (Note 1)
Supply Input Voltage (V
IN) .................................. 0V to +7V
Enable Input Voltage (V
EN) ................................. 0V to +7V
Power Dissipation (P
D) ............... Internally Limited, Note 3
Junction Temperature (T
J) ....................... –40°C to +125°C
Storage Temperature ............................... –65
°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD, Note 4 .................................................................. 2kV
Operating Ratings (Note 2)
Input Voltage (V
IN) ......................................... +2.7V to +6V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Thermal Resistance
SOT-23
(θ
JA) ..................................................... 235°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com