Electronic Components Datasheet Search
  English  ▼

X  

MIC5256 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5256
Description  150mA UCap LDO with Error Flag
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5256 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5256 Datasheet HTML 3Page - Micrel Semiconductor MIC5256 Datasheet HTML 4Page - Micrel Semiconductor MIC5256 Datasheet HTML 5Page - Micrel Semiconductor MIC5256 Datasheet HTML 6Page - Micrel Semiconductor MIC5256 Datasheet HTML 7Page - Micrel Semiconductor MIC5256 Datasheet HTML 8Page - Micrel Semiconductor MIC5256 Datasheet HTML 9Page - Micrel Semiconductor MIC5256 Datasheet HTML 10Page - Micrel Semiconductor MIC5256 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MIC5256
Micrel
June 2003
11
MIC5256
Package Information
0.20 (0.008)
0.09 (0.004)
0.60 (0.024)
0.10 (0.004)
3.02 (0.119)
2.80 (0.110)
10
°
0
°
3.00 (0.118)
2.60 (0.102)
1.75 (0.069)
1.50 (0.059)
0.95 (0.037) REF
1.30 (0.051)
0.90 (0.035)
0.15 (0.006)
0.00 (0.000)
DIMENSIONS:
MM (INCH)
0.50 (0.020)
0.35 (0.014)
1.90 (0.075) REF
SOT-23-5 (M5)
1.90BSC
1.90BSC
1.90BSC
1.60BSC
1.60BSC
DIMENSIONS:
Millimeter
2.90BSC
0.10
0.01
0.20
0.12
0.30
0.50
0.30
0.45
0.90
0.80
1.00
0.90
TSOT-23-5 (D5)
MICREL, INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or
other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel, Inc.
© 2003 Micrel, Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com