Electronic Components Datasheet Search
  English  ▼

X  

MIC37100 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC37100
Description  1A LOW VOLTAGE U CAP LDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37100 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC37100 Datasheet HTML 4Page - Micrel Semiconductor MIC37100 Datasheet HTML 5Page - Micrel Semiconductor MIC37100 Datasheet HTML 6Page - Micrel Semiconductor MIC37100 Datasheet HTML 7Page - Micrel Semiconductor MIC37100 Datasheet HTML 8Page - Micrel Semiconductor MIC37100 Datasheet HTML 9Page - Micrel Semiconductor MIC37100 Datasheet HTML 10Page - Micrel Semiconductor MIC37100 Datasheet HTML 11Page - Micrel Semiconductor MIC37100 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MIC37100/37101/37102
Micrel
M9999-091604
8
September 2004
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Short Circuit Current
vs. Temperature
2.5V
IN
0
0.2
0.4
0.6
0.8
1.0
0 0.5 1 1.5 2 2.5 3 3.5 4
FLAG CURRENT (mA)
Flag Voltage
vs. Flag Current
3.3V
IN
5V
IN
2.5V
IN
0
50
100
150
200
250
300
350
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Flag Low Voltage
vs. Temperature
Flag Current = 250
µA
0
1
2
3
4
5
6
0.01
0.1
1
10
100 1000 10000
RESISTANCE (k
Ω)
Error Flag Pull-Up Resistor
Flag High (OK)
V
IN
=5V
Flag Low (FAULT)
0
1
2
3
4
5
6
7
8
9
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Enable Current
vs. Temperature
2.5V
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com