Electronic Components Datasheet Search
  English  ▼

X  

MIC37100 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC37100
Description  1A LOW VOLTAGE U CAP LDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37100 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC37100 Datasheet HTML 7Page - Micrel Semiconductor MIC37100 Datasheet HTML 8Page - Micrel Semiconductor MIC37100 Datasheet HTML 9Page - Micrel Semiconductor MIC37100 Datasheet HTML 10Page - Micrel Semiconductor MIC37100 Datasheet HTML 11Page - Micrel Semiconductor MIC37100 Datasheet HTML 12Page - Micrel Semiconductor MIC37100 Datasheet HTML 13Page - Micrel Semiconductor MIC37100 Datasheet HTML 14Page - Micrel Semiconductor MIC37100 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MIC37100/37101/37102
Micrel
M9999-091604
12
September 2004
Minimum Load Current
The MIC37100/01/02 regulator is specified between finite
loads. If the output current is too small, leakage currents
dominate and the output voltage rises. A 10mA minimum load
current is necessary for proper regulation.
Adjustable Regulator Design
IN
R1
VOUT
VIN
COUT
R2
EN
OUT
ADJ
GND
MIC37102
ENABLE
SHUTDOWN
V
1.240V 1
R1
R2
OUT =+


Figure 2. Adjustable Regulator with Resistors
The MIC37102 allows programming the output voltage any-
where between 1.24V and the 6V maximum operating rating
of the family. Two resistors are used. Resistors can be quite
large, up to 1M
Ω, because of the very high input impedance
and low bias current of the sense comparator: The resistor
values are calculated by:
R1 R2
V
1.240
1
OUT
=−


Where V
O is the desired output voltage. Figure 2 shows
component definition. Applications with widely varying load
currents may scale the resistors to draw the minimum load
current required for proper operation (see above).
Power SOIC-8 Thermal Characteristics
One of the secrets of the MIC37101/02’s performance is its
power SO-8 package featuring half the thermal resistance of
a standard SO-8 package. Lower thermal resistance means
more output current or higher input voltage for a given
package size.
Lower thermal resistance is achieved by joining the four
ground leads with the die attach paddle to create a single-
piece electrical and thermal conductor. This concept has
been used by MOSFET manufacturers for years, proving
very reliable and cost effective for the user.
Thermal resistance consists of two main elements,
θ
JC
(junction-to-case thermal resistance) and
θ
CA (case-to-ambi-
ent thermal resistance). See Figure 3.
θ
JC is the resistance
from the die to the leads of the package.
θ
CA is the resistance
from the leads to the ambient air and it includes
θ
CS (case-to-
sink thermal resistance) and
θ
SA (sink-to-ambient thermal
resistance).
θ
JA
θ
JC
θ
CA
printed circuit board
ground plane
heat sink area
SOIC-8
AMBIENT
Figure 3. Thermal Resistance
Using the power SOIC-8 reduces the
θ
JC dramatically and
allows the user to reduce
θ
CA. The total thermal resistance,
θ
JA (junction-to-ambient thermal resistance) is the limiting
factor in calculating the maximum power dissipation capabil-
ity of the device. Typically, the power SOIC-8 has a
θ
JC of
20
°C/W, this is significantly lower than the standard SOIC-8
which is typically 75
°C/W. θ
CA is reduced because pins 5
through 8 can now be soldered directly to a ground plane
which significantly reduces the case-to-sink thermal resis-
tance and sink to ambient thermal resistance.
Low-dropout linear regulators from Micrel are rated to a
maximum junction temperature of 125
°C. It is important not
to exceed this maximum junction temperature during opera-
tion of the device. To prevent this maximum junction tempera-
ture from being exceeded, the appropriate ground plane heat
sink must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com