Electronic Components Datasheet Search
  English  ▼

X  

MIC37100 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC37100
Description  1A LOW VOLTAGE U CAP LDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37100 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC37100 Datasheet HTML 1Page - Micrel Semiconductor MIC37100 Datasheet HTML 2Page - Micrel Semiconductor MIC37100 Datasheet HTML 3Page - Micrel Semiconductor MIC37100 Datasheet HTML 4Page - Micrel Semiconductor MIC37100 Datasheet HTML 5Page - Micrel Semiconductor MIC37100 Datasheet HTML 6Page - Micrel Semiconductor MIC37100 Datasheet HTML 7Page - Micrel Semiconductor MIC37100 Datasheet HTML 8Page - Micrel Semiconductor MIC37100 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2004
1
M9999-091604
MIC37100/37101/37102
Micrel
MIC37100/37101/37102
1A Low-Voltage
µµµµµCap LDO Regulator
General Description
The MIC37100, MIC37101, and MIC37102 are 1A low-
dropout, linear voltage regulators that provide low-voltage,
high-current output from an extremely small package. Utiliz-
ing Micrel’s proprietary Super
βeta PNP™ pass element, the
MIC37100/01/02 offers extremely low dropout (typically
280mV at 1A) and low ground current (typically 11mA at 1A).
The MIC37100 is a fixed output regulator offered in the
SOT-223 package. The MIC37101 and MIC37102 are fixed
and adjustable regulators, respectively, in a thermally en-
hanced power 8-lead SOIC (small outline package) and the
SOT-223 package. The MIC37102 is also available in the S-
PAK power package, for applications that require higher
power dissipation or higher operating ambient temperatures.
The MIC37100/01/02 is ideal for PC add-in cards that need
to convert from standard 5V to 3.3V, 3.3V to 2.5V or 2.5V to
1.8V or lower. A guaranteed maximum dropout voltage of
500mV over all operating conditions allows the
MIC37100/01/02 to provide 2.5V from a supply as low as 3V
and 1.8V from a supply as low as 2.3V.
The MIC37100/01/02 is fully protected with overcurrent lim-
iting and thermal shutdown. Fixed output voltages of 1.5V,
1.65V, 1.8V, 2.5V and 3.3V are available on MIC37100/01
with adjustable output voltages to 1.24V on MIC37102.
For other voltages, contact Micrel.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
Typical Applications
Features
• Fixed and adjustable output voltages to 1.24V
•
µµµµµCap Regulator, 10µµµµµF ceramic output capacitor
stable
• 280mV typical dropout at 1A
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V, 1.65V or 1.5V conversion
• 1A minimum guaranteed output current
• 1% initial accuracy
• Low ground current
• Current limiting and thermal shutdown
• Reversed-leakage protection
• Fast transient response
• Low-profile SOT-223 package
• Power SO-8 package
• S-PAK package (MIC37102 only)
Applications
• LDO linear regulator for PC add-in cards
• PowerPC™ power supplies
• High-efficiency linear power supplies
• SMPS post regulator
• Multimedia and PC processor supplies
• Battery chargers
• Low-voltage microcontrollers and digital logic
Super
βeta PNP is a registered trademark of Micrel, Inc.
PowerPC is a trademark of IBM Corporation.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
IN
2.5V
VIN
3.3V
10
µF
ceramic
OUT
GND
MIC37100
2.5V/1A Regulator
0
50
100
150
200
250
300
350
0
0.25
0.5
0.75
1
OUTPUT CURRENT (A)
Dropout
vs. Output Current
2.5V
OUT
3.3V
OUT


Similar Part No. - MIC37100

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100 Datasheet
707Kb / 15P
1A Low-Voltage 關Cap LDO
MIC37100-1.5BS MICREL-MIC37100-1.5BS Datasheet
707Kb / 15P
1A Low-Voltage 關Cap LDO
MIC37100-1.5WS MICREL-MIC37100-1.5WS Datasheet
707Kb / 15P
1A Low-Voltage 關Cap LDO
MIC37100-1.65BS MICREL-MIC37100-1.65BS Datasheet
707Kb / 15P
1A Low-Voltage 關Cap LDO
MIC37100-1.65WS MICREL-MIC37100-1.65WS Datasheet
707Kb / 15P
1A Low-Voltage 關Cap LDO
More results

Similar Description - MIC37100

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
1A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
1.5A, Low Voltage 關Cap LDO Regulator
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
3A, Low Voltage 關Cap LDO Regulator
MIC37100 MICREL-MIC37100_07 Datasheet
707Kb / 15P
1A Low-Voltage 關Cap LDO
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
3.0A, Low-Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
logo
Microchip Technology
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com