Electronic Components Datasheet Search
  English  ▼

X  

NCP4208 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP4208
Description  Digital Programmable 8-Phase Synchronous Buck Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4208 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP4208_13 Datasheet HTML 5Page - ON Semiconductor NCP4208_13 Datasheet HTML 6Page - ON Semiconductor NCP4208_13 Datasheet HTML 7Page - ON Semiconductor NCP4208_13 Datasheet HTML 8Page - ON Semiconductor NCP4208_13 Datasheet HTML 9Page - ON Semiconductor NCP4208_13 Datasheet HTML 10Page - ON Semiconductor NCP4208_13 Datasheet HTML 11Page - ON Semiconductor NCP4208_13 Datasheet HTML 12Page - ON Semiconductor NCP4208_13 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
NCP4208
http://onsemi.com
9
Figure 4. Closed−Loop Output Voltage Accuracy
Figure 5. Current Sense Amplifier VOS
TEST CIRCUITS
Figure 6. Positioning Voltage
NCP4208
8 BIT VID CODE
PWRGD
VCC3
SDA
ALERT
EN
SCL
GND
NC
NC
IMON
IREF
RT
PWM4
PWM3
PWM6
PWM5
PWM8
PWM7
SW1
SW2
SW3
SW4
SW5
SW6
10 kW
+12 V
100 nF
100 nF
+1.25 V
+1 F
m
1 kW
121 kW
20 kW
680W
680W
NCP4208
10 kW
12 V
VCC
680W
680W
FB
COMP
CSREF
GND
1.0 V +
−
−
+
+
−
−
+
VID DAC
39
15
16
17
7
DVFB = FBDV = 80 mV − FBDV = 0 mV
VOS =
CSCOMP − 1.0 V
40
NCP4208
39 kW
12 V
VCC
680W
680W
CSSUM
CSCOMP
CSREF
GND
1.0 V +
−
−
+
39
19
18
17
7
1 kW
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com