Electronic Components Datasheet Search
  English  ▼

X  

NCP4208 Datasheet(PDF) 28 Page - ON Semiconductor

Part # NCP4208
Description  Digital Programmable 8-Phase Synchronous Buck Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4208 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button NCP4208_13 Datasheet HTML 22Page - ON Semiconductor NCP4208_13 Datasheet HTML 23Page - ON Semiconductor NCP4208_13 Datasheet HTML 24Page - ON Semiconductor NCP4208_13 Datasheet HTML 25Page - ON Semiconductor NCP4208_13 Datasheet HTML 26Page - ON Semiconductor NCP4208_13 Datasheet HTML 27Page - ON Semiconductor NCP4208_13 Datasheet HTML 28Page - ON Semiconductor NCP4208_13 Datasheet HTML 29Page - ON Semiconductor NCP4208_13 Datasheet HTML 30Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
NCP4208
http://onsemi.com
28
Cmd
Code
Comment
#
Bytes
Description
Default
R/W
0xE1
R/W
0x00
PWRGD Lo Threshold
1
This value sets the PWRGD Lo Threshold:
Code = 000, PWRGD Lo = −500 mV (default)
Code = 001, PWRGD Lo = −450 mV
Code = 010, PWRGD Lo = −400 mV
Code = 011, PWRGD Lo = −350 mV
Code = 100, PWRGD Lo = −300 mV
Code = 101, PWRGD Lo = −250 mV
Code = 110, PWRGD Lo = −200 mV
Code = 111, PWRGD Lo = −150 mV
0xE2
R/W
0x10
Current Limit Threshold
1
This value sets the internal current limit adjustment value. The
default current limit is programmed using a resistor to ground on the
LIMIT pin. The value of this register adjusts this value by a
percentage between 50% and 146.7%. Each LSB represents a
3.33% change in the current limit threshold.
11111 = 146.7% of external current limit
10000 = 100% of external current limit (default)
00000 = 50% of external current limit
0xE3
R/W
0x10
Phase Bal SW1
1
These values adjust the gain of the internal phase balance
amplifiers. The nominal gain is set to 5. These registers can adjust
the gain by ±25% from 3.75 to 6.25.
Code = 00000, Gain of 3.75
Code = 10000, Gain of 5 (default)
Code = 11111, Gain of 6.25
0xE4
R/W
0x10
Phase Bal SW2
1
These values adjust the gain of the internal phase balance
amplifiers. The nominal gain is set to 5. These registers can adjust
the gain by ±25% from 3.75 to 6.25.
Code = 00000, Gain of 3.75
Code = 10000, Gain of 5 (default)
Code = 11111, Gain of 6.25
0xE5
R/W
0x10
Phase Bal SW3
1
These values adjust the gain of the internal phase balance
amplifiers. The nominal gain is set to 5. These registers can adjust
the gain by ±25% from 3.75 to 6.25.
Code = 00000, Gain of 3.75
Code = 10000, Gain of 5 (default)
Code = 11111, Gain of 6.25
0xE6
R/W
0x10
Phase Bal SW4
1
These values adjust the gain of the internal phase balance
amplifiers. The nominal gain is set to 5. These registers can adjust
the gain by ±25% from 3.75 to 6.25.
Code = 00000, Gain of 3.75
Code = 10000, Gain of 5 (default)
Code = 11111, Gain of 6.25
0xE7
R/W
0x10
Phase Bal SW5
1
These values adjust the gain of the internal phase balance
amplifiers. The nominal gain is set to 5. These registers can adjust
the gain by ±25% from 3.75 to 6.25.
Code = 00000, Gain of 3.75
Code = 10000, Gain of 5 (default)
Code = 11111, Gain of 6.25
0xE8
R/W
0x10
Phase Bal SW6
1
These values adjust the gain of the internal phase balance
amplifiers. The nominal gain is set to 5. These registers can adjust
the gain by ±25% from 3.75 to 6.25.
Code = 00000, Gain of 3.75
Code = 10000, Gain of 5 (default)
Code = 11111, Gain of 6.25
0xE9
R/W
0x10
Phase Bal SW7
1
These values adjust the gain of the internal phase balance
amplifiers. The nominal gain is set to 5. These registers can adjust
the gain by ±25% from 3.75 to 6.25.
Code = 00000, Gain of 3.75
Code = 10000, Gain of 5 (default)
Code = 11111, Gain of 6.25
0xEA
R/W
0x10
Phase Bal SW8
1
These values adjust the gain of the internal phase balance
amplifiers. The nominal gain is set to 5. These registers can adjust
the gain by ±25% from 3.75 to 6.25.
Code = 00000, Gain of 3.75
Code = 10000, Gain of 5 (default)
Code = 11111, Gain of 6.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com