Electronic Components Datasheet Search
  English  ▼

X  

PCM1793 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1793
Description  24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1793 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1793 Datasheet HTML 4Page - Texas Instruments PCM1793 Datasheet HTML 5Page - Texas Instruments PCM1793 Datasheet HTML 6Page - Texas Instruments PCM1793 Datasheet HTML 7Page - Texas Instruments PCM1793 Datasheet HTML 8Page - Texas Instruments PCM1793 Datasheet HTML 9Page - Texas Instruments PCM1793 Datasheet HTML 10Page - Texas Instruments PCM1793 Datasheet HTML 11Page - Texas Instruments PCM1793 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
PCM1793
SLES076A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
8
De-Emphasis Filter
Figure 5
f − Frequency − kHz
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
02
46
8
10
12
14
DE-EMPHASIS LEVEL
vs
FREQUENCY
fS = 32 kHz
Figure 6
f − Frequency − kHz
−0.5
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
12
14
DE-EMPHASIS ERROR
vs
FREQUENCY
fS = 32 kHz
0.0
Figure 7
f − Frequency − kHz
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0
2468
10
12
14
16
18
20
DE-EMPHASIS LEVEL
vs
FREQUENCY
fS = 44.1 kHz
Figure 8
f − Frequency − kHz
−0.5
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
1012
141618
20
DE-EMPHASIS ERROR
vs
FREQUENCY
0.0
fS = 44.1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com