Electronic Components Datasheet Search
  English  ▼

X  

PCM1793 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1793
Description  24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1793 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1793 Datasheet HTML 17Page - Texas Instruments PCM1793 Datasheet HTML 18Page - Texas Instruments PCM1793 Datasheet HTML 19Page - Texas Instruments PCM1793 Datasheet HTML 20Page - Texas Instruments PCM1793 Datasheet HTML 21Page - Texas Instruments PCM1793 Datasheet HTML 22Page - Texas Instruments PCM1793 Datasheet HTML 23Page - Texas Instruments PCM1793 Datasheet HTML 24Page - Texas Instruments PCM1793 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
PCM1793
SLES076A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
22
CONSIDERATIONS FOR APPLICATION CIRCUITS
PCB Layout Guidelines
A typical PCB floor plan for the PCM1793 is shown in Figure 30. A ground plane is recommended, with the analog
and digital sections being isolated from one another using a split or cut in the circuit board. The PCM1793 must be
oriented with the digital I/O pins facing the ground plane split/cut to allow for short, direct connections to the digital
audio interface and control signals originating from the digital section of the board. Separate power supplies are
recommended for the digital and analog sections of the board. This prevents the switching noise present on the digital
supply from contaminating the analog power supply and degrading the dynamic performance of the D/A converters.
In cases where a common 5-V supply would be used for the analog and digital sections, an inductance (RF choke,
ferrite bead) must be placed between the analog and digital 5-V supply connections to avoid coupling of the digital
switching noise into the analog circuitry. Figure 31 shows the recommended approach for single-supply applications.
Digital Logic
and
Audio
Processor
Digital Power
+VD
DGND
Digital Section
Analog Section
Return Path for Digital Signals
Analog Power
+VS
AGND
−VS
+5VA
Digital
Ground
Analog
Ground
Output
Circuits
PCM1793
AGND
VCC
VDD
DGND
REG
Figure 30. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com