Electronic Components Datasheet Search
  English  ▼

X  

PCM1793 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1793
Description  24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1793 Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM1793 Datasheet HTML 11Page - Texas Instruments PCM1793 Datasheet HTML 12Page - Texas Instruments PCM1793 Datasheet HTML 13Page - Texas Instruments PCM1793 Datasheet HTML 14Page - Texas Instruments PCM1793 Datasheet HTML 15Page - Texas Instruments PCM1793 Datasheet HTML 16Page - Texas Instruments PCM1793 Datasheet HTML 17Page - Texas Instruments PCM1793 Datasheet HTML 18Page - Texas Instruments PCM1793 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
PCM1793
SLES076A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
15
AUDIO DATA INTERFACE
Audio Serial Interface
The audio interface port is a 3-wire serial port. It includes LRCK (pin 1), BCK (pin 2), and DATA (pin 3). BCK is the
serial audio bit clock, and it is used to clock the serial data present on DATA into the serial shift register of the audio
interface. Serial data is clocked into the PCM1793 on the rising edge of BCK. LRCK is the serial audio left/right word
clock.
The PCM1793 requires the synchronization of LRCK and the system clock, but does not need a specific phase
relation between LRCK and the system clock.
If the relationship between LRCK and the system clock changes more than
±6 BCK, internal operation is initialized
within 1/fS and the analog outputs are forced to the bipolar zero level until resynchronization between LRCK and the
system clock is completed.
PCM Audio Data Formats and Timing
The PCM1793 supports industry-standard audio data formats, including standard right-justified, I2S, and
left-justified. The data formats are shown in Figure 26. Data formats are selected using the format bits,
FMT2 (pin 28), FMT1 (pin27), and FMT0 (pin26) as shown in Table 2. All formats require binary 2s complement,
MSB-first audio data. Figure 25 shows a detailed timing diagram for the serial audio interface.
Table 2. Audio Data Format Selection
FMT2
PIN 28
FMT1
PIN 27
FMT0
PIN 26
FORMAT
LOW
LOW
LOW
16-bit standard format, right-justified
LOW
LOW
HIGH
20-bit standard format, right-justified
LOW
HIGH
LOW
24-bit standard format, right-justified
LOW
HIGH
HIGH
24-bit MSB-first, left-justified format
HIGH
LOW
LOW
16-bit I2S format
HIGH
LOW
HIGH
24-bit I2S format
HIGH
HIGH
LOW
Reserved
HIGH
HIGH
HIGH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com