Electronic Components Datasheet Search
  English  ▼

X  

RF2373 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2373
Description  3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2373 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2373 Datasheet HTML 1Page - RF Micro Devices RF2373 Datasheet HTML 2Page - RF Micro Devices RF2373 Datasheet HTML 3Page - RF Micro Devices RF2373 Datasheet HTML 4Page - RF Micro Devices RF2373 Datasheet HTML 5Page - RF Micro Devices RF2373 Datasheet HTML 6Page - RF Micro Devices RF2373 Datasheet HTML 7Page - RF Micro Devices RF2373 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary
4-5
RF2373
Rev A1 040921
Evaluation Board Schematic
2
3
4
1
5
C2
100 pF
R1*
C3
Do Not
Place
VPD
LNA IN
* Refer to table for the values
L1*
C7*
VCC
LNA OUT
C4
100 pF
C5
10 nF
P1
1
2
3
HDR_3
P1-1
VPD
GND
P1-3
VCC
C6*
C1
0.5 pF
L1 (nH)
2.7
2.7
C6 (pF)
1.5
0.5
Component
GPS
1575 MHz
PCS
1950 MHz
C7 (pF)
1.2
1.0
3.9
4.3
Cellular
900 MHz
2.0
2.7
DNP
W-CDMA
2140 MHz
1.0
2.2
DNP
WLAN
2450 MHz
1.0
2.7
3.0
VPD
3.3
12
16
ICC
R1 = 300
Ω
20
9
12
ICC
R1 = 430
Ω
15
7
9
ICC
R1 = 560
Ω
11
5
6
ICC
R1 = 1 k
Ω
7
ICC
R1 = 1.5 k
Ω
4
5
5
3.6
4.0
4.5
25
31
Over Limit
19
24
31
14
18
23
8
10
13
6
7
8
5.0
Over Limit
Over Limit
29
16
10
Note: VCC set to 3.3 V. ICC only slightly dependent on VCC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com