Electronic Components Datasheet Search
  English  ▼

X  

RF2373 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2373
Description  3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2373 Datasheet(HTML) 7 Page - RF Micro Devices

  RF2373 Datasheet HTML 1Page - RF Micro Devices RF2373 Datasheet HTML 2Page - RF Micro Devices RF2373 Datasheet HTML 3Page - RF Micro Devices RF2373 Datasheet HTML 4Page - RF Micro Devices RF2373 Datasheet HTML 5Page - RF Micro Devices RF2373 Datasheet HTML 6Page - RF Micro Devices RF2373 Datasheet HTML 7Page - RF Micro Devices RF2373 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary
4-7
RF2373
Rev A1 040921
Noise Figure versus Collector Current
LNA 880 MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
5.0
10.0
15.0
20.0
25.0
30.0
IC (mA)
-40°C
+25°C
+85°C
Gain versus Collector Current
LNA 880 MHz
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
IC (mA)
-40°C
+25°C
+85°C
Noise Figure versus Collector Current
1575 MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
5.0
10.0
15.0
20.0
25.0
30.0
IC (mA)
-40°C
+25°C
+85°C
Gain versus Collector Current
1575 MHz
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
0.0
5.0
10.0
15.0
20.0
25.0
30.0
IC (mA)
-40°C
+25°C
+85°C
Noise Figure versus Collector Current
1920 MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
5.0
10.0
15.0
20.0
25.0
30.0
IC (mA)
-40°C
+25°C
+85°C
Gain versus Collector Current
1920 MHz
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
IC (mA)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com