Electronic Components Datasheet Search
  English  ▼

X  

RF2373 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2373
Description  3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2373 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2373 Datasheet HTML 1Page - RF Micro Devices RF2373 Datasheet HTML 2Page - RF Micro Devices RF2373 Datasheet HTML 3Page - RF Micro Devices RF2373 Datasheet HTML 4Page - RF Micro Devices RF2373 Datasheet HTML 5Page - RF Micro Devices RF2373 Datasheet HTML 6Page - RF Micro Devices RF2373 Datasheet HTML 7Page - RF Micro Devices RF2373 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary
4-6
RF2373
Rev A1 040921
This information pertains to the following charts.
Test condition unless otherwise specified: VCC=3.3V, use evaluation board for corresponding frequencies.
Collector Current versus VBIAS
(R1 = 560 ohms)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VBIAS (V)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com