Electronic Components Datasheet Search
  English  ▼

X  

FPD85310VJD Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85310VJD
Description  Panel Timing Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85310VJD Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button FPD85310VJD Datasheet HTML 21Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 22Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 23Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 24Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 25Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 26Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 27Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 28Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 29Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
APPENDIX B:
National Semiconductor
FPD85310 REQUEST FORM OF MASK VERSION
Company Name:_________________________________Dept:______________________ Tel: _____________________
Model Name (Application): ______________________________________________
Register Values:
TABLE 6. Register Values for GPO[0:8]’s Programming
Pin
Name
Address/Values (Hex.)
Name of Signal
for USER
Remarks
GPO8
Address
81
82
83
84
85
86
87
88
89
Value
GPO7
Address
8A
8B
8C
8D
8E
8F
90
91
92
Value
GPO6
Address
93
94
95
96
97
98
99
9A
9B
Value
GPO5
Address
9C
9D
9E
9F
A0
A1
A2
A3
A4
Value
GPO4
Address
A5
A6
A7
A8
A9
AA
AB
AC
AD
Value
GPO3
Address
AE
AF
B0
B1
B2
B3
B4
B5
B6
Value
GPO2
Address
B7
B8
B9
BA
BB
BC
BD
BE
BF
Value
GPO1
Address
C0
C1
C2
C3
C4
C5
C6
C7
C8
Value
GPO0
Address
C9
CA
CB
CC
CD
CE
CF
D0
D1
Value
TABLE 7. Register Values for LCD Format Control
Control Register
Address/Values (Hex.)
Control Register
Address/Values (Hex.)
Remarks
Output_Format
Address
D2
D3
Output_Drive
Address
D4
Value
Value
C/D_Size
Address
D5
Input_Format
Address
D6
Value
Value
HBP_REG
Address
D7
D8
VBP_REG
Address
D9
DA
Value
Value
Output_Enable/
Polarity_Control
Address
DB
Value
Signature by Customer _____________________________Date _____________
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com