Electronic Components Datasheet Search
  English  ▼

X  

FPD85310VJD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85310VJD
Description  Panel Timing Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85310VJD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button FPD85310VJD Datasheet HTML 6Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 7Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 8Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 9Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 10Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 11Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 12Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 13Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Functional Description (Continued)
PROGRAMMABLE REGISTERS
At power-up, data is read from an external EEPROM. If any-
thing other than 00H is read back on the first EEPROM ac-
cess (indicating EEPROM not present), the internal default
values are used. The following parameters are initialized at
power up. Pullups must be used on EE_SD and EE_SC
pins.
TABLE 2. FPD85310 Programmable Register Definition
Control
Registers
EEPROM
Address
The control registers provide mode setting information to the input and output interfaces.
Output Format
Control
D2
[1:0]
“00” = Dual Bus, Single port CD interface
“01” = Dual Bus, Dual port CD interface
“10” = Single Bus, Single port CD interface
“11” = Not implemented (defaults to “10”)
[2]
“0” = Non-Skewed outputs
“1” = Skewed outputs
[3]
“0” = Data inversion is disabled
“1” = Data inversion is enabled
[4]
“0” = Data inversion when GPO[0] is “0”
“1” = Data inversion when GPO[0] is “1”
[5]
“0” = Even and Odd data inversion when data inversion is enabled
“1” = Odd data inversion determined by bit[4], Even data opposite of Odd data
[6]
“0” = Polarity Function disabled
“1” = Polarity Function enabled
[7]
“0” = OPOL/EPOL = 0 when data is inverted
“1” = OPOL/EPOL = 1 when data is inverted
D3
[1:0]
Odd Start Pulse Offset
“00” = Start pulse 0 clocks before data
“01” = Start pulse 1 clock before data
“10” = Start pulse 2 clocks before data
“11” = Start pulse 3 clocks before data
[3:2]
Even Start Pulse Offset
“00” = Start pulse 0 clocks before data
“01” = Start pulse 1 clock before data
“10” = Start pulse 2 clocks before data
“11” = Start pulse 3 clocks before data
[7:4]
Unused Pixels
“0000” = no unconnected pixels at beginning of first CD
“0001” = 1 unconnected pixel at beginning of first CD
“0010” = 2 unconnected pixels at beginning of first CD
...
...
“1111” = 15 unconnected pixels at beginning of first CD
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com