Electronic Components Datasheet Search
  English  ▼

X  

FPD85310VJD Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85310VJD
Description  Panel Timing Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85310VJD Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button FPD85310VJD Datasheet HTML 16Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 17Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 18Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 19Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 20Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 21Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 22Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 23Page - National Semiconductor (TI) FPD85310VJD Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Functional Description (Continued)
DS101086-10
Note 21: RSTZ transition Low-to-High occurs at the completion of the RPLLS delay or later as shown above.
Note 22: All outputs* forced low in default timing of FPD85310 during power-up delay time.
Note 23: All outputs** forced low in continuous download (every two frame) mode.
Note 24: All outputs*** generate the signal for default values in FPD85310 and unknown values when use the EEPROM values during power-up delay time. Then
NS recommend to use the continuous download mode.
Note 25: EEPROM download occurs at first detected vertical blanking period.
Note 26: Active outputs depends on INPUT FORMAT register bits [5:6].
INPUT
FORMAT
[5:6]
VSYNC# at which
outputs go active
00
Second VSYNC
01
Third VSYNC
10
Fourth VSYNC
11
Fifth VSYNC
Note 27: When configured in ENAB Only Mode (EOM), VSYNC signals are unused except for timing EEPROM DownLoad Sequences. When configured with de-
fault values in Fixed Vertical mode, the VSYNC signal is generated any time ENAB remains low for more than 2 horizontal periods.
During Power Up, before Reset has propagated, the EEPROM may receive spurious addressing that initiates a down load sequence, but the output data is often
not captured for lack of timing alignment with VSYNC. In the case where EEPROM data is not captured during the initial (automatic) Reset or Power Up DownLoad
sequence, Timing Controller outputs are indeterminate until the EEPROM data is successfully loaded, which always begins and is executed at the next VSYNC valid
(low) cycle.
Note 28: During Power Up sequences, false RSTZ signals are possible due to instability of the power supply level, typically within the 10 ms of operation. To avoid
this situation, implementation of the circuit in
Figure 17, or other functional equivalent, is recommended, (Figure 17).
FIGURE 16. Power-up Sequence (INPUT FORMAT[6:5] = “01”)
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com