Electronic Components Datasheet Search
  English  ▼

X  

SAF7118H Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SAF7118H
Description  Multistandard video decoder with adaptive comb filter and component video input
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7118H Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SAF7118H Datasheet HTML 30Page - NXP Semiconductors SAF7118H Datasheet HTML 31Page - NXP Semiconductors SAF7118H Datasheet HTML 32Page - NXP Semiconductors SAF7118H Datasheet HTML 33Page - NXP Semiconductors SAF7118H Datasheet HTML 34Page - NXP Semiconductors SAF7118H Datasheet HTML 35Page - NXP Semiconductors SAF7118H Datasheet HTML 36Page - NXP Semiconductors SAF7118H Datasheet HTML 37Page - NXP Semiconductors SAF7118H Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 173 page
background image
2004 Jul 22
34
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
8.1.2.3
Brightness Contrast Saturation (BCS) control and decoder output levels
The resulting Y (CVBS) and CB-CR signals are fed to the BCS block, which contains the following functions:
• Chrominance saturation control by DSAT7 to DSAT0
• Luminance contrast and brightness control by DCON7 to DCON0 and DBRI7 to DBRI0
• Raw data (CVBS) gain and offset adjustment by RAWG7 to RAWG0 and RAWO7 to RAWO0
• Limiting Y-CB-CR or CVBS to the values 1 (minimum) and 254 (maximum) to fulfil “ITU Recommendation 601/656”.
handbook, full pagewidth
LUMINANCE 100%
+255
+235
+128
+16
0
white
black
CB-COMPONENT
+255
+240
+212
+212
+128
+16
+44
0
blue 100%
blue 75%
yellow 75%
yellow 100%
colourless
CR-COMPONENT
+255
+240
+128
+16
+44
0
red 100%
red 75%
cyan 75%
cyan 100%
colourless
MHB730
Fig.19 Y-CB-CR range for scaler input and X port output.
“ITU Recommendation 601/656” digital levels with default BCS (decoder) settings DCON[7:0] = 44H, DBRI[7:0] = 80H and DSAT[7:0] = 40H.
Equations for modification to the Y-CB-CR levels via BCS control I2C-bus bytes DBRI, DCON and DSAT.
Luminance:
Chrominance:
It should be noted that the resulting levels are limited to 1 to 254 in accordance with “ITU Recommendation 601/656”.
Y
OUT
Int
DCON
68
-----------------
Y
128
–
()
×
DBRI
+
=
C
R CB
()
OUT
Int
DSAT
64
----------------
C
R CB
,
128
–
()
×
128
+
=
a. Y output range.
b. CB output range.
c. CR output range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com