Electronic Components Datasheet Search
  English  ▼

X  

BGSF18DM20 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BGSF18DM20
Description  SP8T Antenna Switch Module with integrated SPI controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGSF18DM20 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BGSF18DM20 Datasheet HTML 3Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 4Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 5Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 6Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 7Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 8Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 9Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 10Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BGSF 18D_Pinning 2.vsd
GND
16
GND
1
6
11
16
LVDD
VDD
TRX6
TRX5
TRX4
GND_LB
GND
GND
HB_TX
LB_TX
Product Name
Package
Chip
Marking
BGSF18DM20
PG-VCCN-20-1
M4783A
1XX / YWW / 1.3
SP8T Antenna Switch Module
BGSF18DM20
Data Sheet
7
Revision 2.
4, 2013-05-31
1
Features
Main Features
•
2 high-linearity GSM Tx paths with power handling capability
of up to 36 dBm
•
6 high-linearity WCDMA TRx ports
•
Integrated harmonic filters for GSM High and Low bands
•
Integrated ESD protection at ANT port
•
Low insertion loss
•
Low harmonic generation
•
On chip control logic including ESD protection
•
Suitable for Quadband GSM / Edge / C2K / LTE / WCDMA
Applications
•
0.1 to 2.7 GHz coverage
•
High port-to-port-isolation
•
No external DC blocking capacitors required
•
Integrated SPI decoder supporting logic levels from 1.35 V to 3.3 V
•
Direct connect to battery
•
Small form factor 3.2 mm x 2.8 mm
•
Height 1.0 mm max.
Description
The BGSF18DM20 is a Single Pole Eight Throw (SP8T) switch module optimized for wireless applications up to
2.7 GHz. It is a perfect solution for multimode handsets based on GSM Quadband and WCDMA. The switch
module configuration is shown in
Figure 1. The module comes in a miniature LGA Package and comprises of a
high power CMOS SP8T switch with integrated SPI controller and harmonic filters for GSM high and low band
transmit paths. The on-chip controller integrates CMOS logic and level shifters, driven by control inputs from 1.35
to 3.3 V. The module features direct-connect-to-battery functionality and DC-free RF ports.
The antenna port has integrated ESD protection to achieve 8kV ESD robustness without external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com