Electronic Components Datasheet Search
  English  ▼

X  

BGSF18DM20 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BGSF18DM20
Description  SP8T Antenna Switch Module with integrated SPI controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGSF18DM20 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BGSF18DM20 Datasheet HTML 1Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 2Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 3Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 4Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 5Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 6Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 7Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 8Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
R F & P r o t e c t i o n D e v i c e s
D a t a S h e e t
Revision 2.
4, 2013-05-31
B G S F 1 8 D M 2 0
SP8T Antenna Switch Module with integrated SPI controller, 2 GSM-Tx and
6 WCDMA-TRx Ports for 2G/3G Convergence


Similar Part No. - BGSF18DM20

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26 Datasheet
930Kb / 23P
Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
More results

Similar Description - BGSF18DM20

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
SP8T GSM/UMTS Dual Mode Antenna Switch
CXG1228XR SONY-CXG1228XR Datasheet
190Kb / 8P
SP8T Antenna Switch for GSM/UMTS
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
BGS18MN14 INFINEON-BGS18MN14 Datasheet
1Mb / 17P
SP8T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - July 3, 2014
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
BGS18GA14 INFINEON-BGS18GA14 Datasheet
713Kb / 13P
SP8T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
logo
Skyworks Solutions Inc.
SKY13418-485LF SKYWORKS-SKY13418-485LF Datasheet
448Kb / 13P
0.1 to 3.8 GHz SP8T Antenna Switch
logo
Mini-Circuits
MSP8TA-12-12D MINI-MSP8TA-12-12D Datasheet
487Kb / 3P
SP8T Switch
logo
Will Semiconductor Ltd.
WS7808Q WILLSEMI-WS7808Q Datasheet
1Mb / 6P
0.1GHz ??3GHz SP8T Antenna Switch
WS7808QC WILLSEMI-WS7808QC Datasheet
307Kb / 6P
0.1GHz ??3GHz SP8T Antenna Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com