Electronic Components Datasheet Search
  English  ▼

X  

BGSF18DM20 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BGSF18DM20
Description  SP8T Antenna Switch Module with integrated SPI controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGSF18DM20 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BGSF18DM20 Datasheet HTML 5Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 6Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 7Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 8Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 9Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 10Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 11Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 12Page - Infineon Technologies AG BGSF18DM20 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
BGSF18DM20
SP8T Antenna Switch Module
Maximum Ratings
Data Sheet
9
Revision 2.
4, 2013-05-31
2
Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Table 1
Maximum Ratings
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Supply Voltage
V
dd
-0.5
–
5.5
V
–
Storage temperature range
T
STG
-55
–
+150
°C
–
RF input power at all GSM Tx ports
P
inTx
–
–
+36
dBm
–
RF input power at all TRx ports
P
inTRx
–
–
+32
dBm
–
ESD capability Human Body Model
V
ESD_HBM
1000
–
–
V
–
ESD capability ANT port (according IEC
61000-4-2 contact)
V
ESD_ANT
8000
–
–
V
–
Junction temperature
T
j
–
–
+125
°C
–
Thermal resistance junction - soldering point
R
thJS
–
–
              80
K/W
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com