Electronic Components Datasheet Search
  English  ▼

X  

QH015 Datasheet(PDF) 12 Page - XP Power Limited

Part # QH015
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QH015 Datasheet(HTML) 12 Page - XP Power Limited

Back Button QH015 Datasheet HTML 6Page - XP Power Limited QH015 Datasheet HTML 7Page - XP Power Limited QH015 Datasheet HTML 8Page - XP Power Limited QH015 Datasheet HTML 9Page - XP Power Limited QH015 Datasheet HTML 10Page - XP Power Limited QH015 Datasheet HTML 11Page - XP Power Limited QH015 Datasheet HTML 12Page - XP Power Limited QH015 Datasheet HTML 13Page - XP Power Limited QH015 Datasheet HTML 14Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
4752CM01
PAGE 12
Q SERIES
WWW.XPPOWER.COM
PARAMETER
VALUE
WEIGHT
0.15 OUNCE (4.25 GRAMS)
VOLUME
0.125 CUBIC INCHES (2.05CM3)
DIMENSIONS
0.5L (12.7) X 0.5W (12.7) 0.5H (12.7)
PIN #
FUNCTION
1
INPUT (-)
2
INPUT (+)
3
HV OUTPUT
4
HV RETURN
MECHANICAL SPECIFICATIONS, ALTERNATE PIN PATTERN(1,500V - 5,000V)
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)
Not Recommended for New Designs
TOP
VIEW
SIDE
VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com