Electronic Components Datasheet Search
  English  ▼

X  

QH015 Datasheet(PDF) 14 Page - XP Power Limited

Part # QH015
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QH015 Datasheet(HTML) 14 Page - XP Power Limited

Back Button QH015 Datasheet HTML 6Page - XP Power Limited QH015 Datasheet HTML 7Page - XP Power Limited QH015 Datasheet HTML 8Page - XP Power Limited QH015 Datasheet HTML 9Page - XP Power Limited QH015 Datasheet HTML 10Page - XP Power Limited QH015 Datasheet HTML 11Page - XP Power Limited QH015 Datasheet HTML 12Page - XP Power Limited QH015 Datasheet HTML 13Page - XP Power Limited QH015 Datasheet HTML 14Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
4752CM01
PAGE 14
ORDERING INFORMATION
ORDER CODE
AVAILABILITY
TYPE
0.5 WATT
Q
ALL MODELS
1.25 WATT
QH
UP TO 2KV
1.25 WATT (Alternate Pin Pattern)*4
VA
UP TO 2KV
OUTPUT VOLTAGE
SEE TABLES
POLARITY DESIGNATOR
POSITIVE OUTPUT
BLANK
NEGATIVE OUTPUT
N
DUAL OUTPUT (CENTER TAP) OPTION
CT
UP TO 900V
INPUT VOLTAGE
5 VDC
5
ALL MODELS
12 VDC
12
UP TO 3KV
15 VDC
15
UP TO 3KV
24 VDC
24
UP TO 3KV
OPTIONS
CONTROL PIN
C
UP TO 5KV
EXTENDED TEMP
T
UP TO 5KV, 0.5W
External Copper Shield
S
ALL MODELS
Q SERIES
*Note:
1. At maximum rated output voltage
2. Output Voltage is load dependent. Under light or no-load conditions, reduce the Input Voltage so maximum rated Output Voltage is not exceeded.
3. Specifications are after 30 minute warm-up, full-load at 25ºC, unless otherwise noted.
4. Proper thermal management techniques are required to maintain safe case temperature at maximum power output.
5. Ripple specification for dual output units applies to the voltage between the positive and negative output terminals.
6. For dual output units [CT option], the negative output voltage will be 10% larger than the positive output voltage with respect to the center tap pin.
XP-EMCO reserves the right to make changes on products and literature, including specifications, without notice. XP-EMCO standard product models are not recommended for “copy-exact” applications or any other application restricting product
changes. “Copy-exact” options are available. Please contact an XP-EMCO sales representative for more details.
WWW.XPPOWER.COM
OPTION CODES
HOW TO ORDER
Q 10 N - 5 C T S
Q, QH, VA Series
10 Output Voltage (See table...)
N Polarity Designator
EXAMPLE
Q10N-5CTS: Q
Series 0.5W, 1000 VDC, N negative, 5 VDC input, C for Control Pin, T for Extended Temperature, S for Shield.
PART NUMBER SELECTOR:
Model Number:
5 Input Voltage
T for Extended Temperature
C for Control Pin (optional)
S for Shield (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com