Electronic Components Datasheet Search
  English  ▼

X  

DA7202 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA7202
Description  10 W Mono Class-D Amplifier for 2S Battery Devices
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7202 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA7202 Datasheet HTML 12Page - Dialog Semiconductor DA7202 Datasheet HTML 13Page - Dialog Semiconductor DA7202 Datasheet HTML 14Page - Dialog Semiconductor DA7202 Datasheet HTML 15Page - Dialog Semiconductor DA7202 Datasheet HTML 16Page - Dialog Semiconductor DA7202 Datasheet HTML 17Page - Dialog Semiconductor DA7202 Datasheet HTML 18Page - Dialog Semiconductor DA7202 Datasheet HTML 19Page - Dialog Semiconductor DA7202 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
DA7202
10 W Mono Class-D Amplifier for 2S Battery Devices
Company confidential
Datasheet
Revision 3a
20-Aug-2015
CFR0011-120-00 Rev 5
16 of 25
© 2015 Dialog Semiconductor
9.9
Max Pout versus supply voltage (8 Ω + 33 µH)
Figure 11: Maximum output power (Pout) versus supply voltage (8 Ω + 33 µH)
9.10 Max Pout versus supply voltage (4 Ω + 33 µH)
Figure 12: Maximum output power (Pout) versus supply voltage (4 Ω + 33 µH)
0
1
2
3
4
5
6
7
8
4.5
5.5
6.5
7.5
8.5
PVDD (V)
Max POUT vs PVDD, Load = 8 Ohms + 33uH
1%
10%
0
2
4
6
8
10
12
14
4.5
5.5
6.5
7.5
8.5
PVDD(V)
Max POUT vs PVDD, Load = 4 Ohms + 33uH
1%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com