Electronic Components Datasheet Search
  English  ▼

X  

DA7202 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # DA7202
Description  10 W Mono Class-D Amplifier for 2S Battery Devices
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7202 Datasheet(HTML) 3 Page - Dialog Semiconductor

  DA7202 Datasheet HTML 1Page - Dialog Semiconductor DA7202 Datasheet HTML 2Page - Dialog Semiconductor DA7202 Datasheet HTML 3Page - Dialog Semiconductor DA7202 Datasheet HTML 4Page - Dialog Semiconductor DA7202 Datasheet HTML 5Page - Dialog Semiconductor DA7202 Datasheet HTML 6Page - Dialog Semiconductor DA7202 Datasheet HTML 7Page - Dialog Semiconductor DA7202 Datasheet HTML 8Page - Dialog Semiconductor DA7202 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DA7202
10 W Mono Class-D Amplifier for 2S Battery Devices
Company confidential
Datasheet
Revision 3a
20-Aug-2015
CFR0011-120-00 Rev 5
3 of 25
© 2015 Dialog Semiconductor
10.3 Recommended external component layout ........................................................................ 22
10.4 Recommended external components ................................................................................. 22
10.5 Capacitor selection.............................................................................................................. 22
10.5.1
Input and output capacitors ................................................................................. 22
10.5.2
Input and output capacitor properties .................................................................. 22
11 Package information ................................................................................................................... 24
11.1 Package outlines................................................................................................................. 24
11.2 Soldering information .......................................................................................................... 24
12 Ordering information .................................................................................................................. 24
Figures
Figure 1: DA7202 block diagram ........................................................................................................... 5
Figure 2: Connection diagram ............................................................................................................... 6
Figure 3: THD versus output power (8 Ω + 33 µH) ............................................................................. 12
Figure 4: THD versus output power (4 Ω + 33 µH) ............................................................................. 12
Figure 5: THD versus frequency (8 Ω + 33 µH) 4.5 V ......................................................................... 13
Figure 6: THD versus frequency (4 Ω + 33 µH) 4.5 V ......................................................................... 13
Figure 7: THD versus frequency (8 Ω + 33 µH) 8.2 V ......................................................................... 14
Figure 8: THD versus frequency (4 Ω + 33 µH) 8.2 V ......................................................................... 14
Figure 9: THD versus frequency (8 Ω + 33 µH) 9.0 V ......................................................................... 15
Figure 10: THD versus frequency (4 Ω + 33 µH) 9.0 V ....................................................................... 15
Figure 11: Maximum output power (Pout) versus supply voltage (8 Ω + 33 µH).................................. 16
Figure 12: Maximum output power (Pout) versus supply voltage (4 Ω + 33 µH).................................. 16
Figure 13: Efficiency versus output power (8 Ω + 33 µH) ................................................................... 17
Figure 14: Efficiency versus output power (4 Ω + 33 µH) ................................................................... 17
Figure 15: Start-up timing (260 µs from asserting PDN_N to valid output)......................................... 18
Figure 16: Shutdown timing (19 µs from de-asserting PDN_N to zero output)................................... 18
Figure 17: Power dissipation versus output power (8 Ω + 33 µH) ...................................................... 19
Figure 18: Power dissipation versus output power (4 Ω + 33 µH) ...................................................... 19
Figure 19: EMI performance with FCC Class-D limit also shown ....................................................... 20
Figure 20: Layout of recommended external components and their values ....................................... 22
Figure 21: Performance plot of the sample capacitor used in the example (below) ........................... 23
Figure 22: DA7202 package outline drawing (9-bump WL-CSP 0.5 mm pitch).................................. 24
Tables
Table 1: Pin description ......................................................................................................................... 6
Table 2: Absolute maximum ratings ...................................................................................................... 7
Table 3: Recommended operating conditions....................................................................................... 8
Table 4: Digital inputs (PDN_N) ............................................................................................................ 9
Table 5: Analog inputs (IN_P, IN_N) ..................................................................................................... 9
Table 6: Thermal protection................................................................................................................... 9
Table 7: Actions of the PDN_N pin...................................................................................................... 11
Table 8: Recommended external components ................................................................................... 22
Table 9: Ordering information.............................................................................................................. 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com