Electronic Components Datasheet Search
  English  ▼

X  

DA9061 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA9061
Description  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 7Page - Dialog Semiconductor DA9061 Datasheet HTML 8Page - Dialog Semiconductor DA9061 Datasheet HTML 9Page - Dialog Semiconductor DA9061 Datasheet HTML 10Page - Dialog Semiconductor DA9061 Datasheet HTML 11Page - Dialog Semiconductor DA9061 Datasheet HTML 12Page - Dialog Semiconductor DA9061 Datasheet HTML 13Page - Dialog Semiconductor DA9061 Datasheet HTML 14Page - Dialog Semiconductor DA9061 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
11 of 82
© 2016 Dialog Semiconductor
Watchdog
4.2
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC, VSYS = 2.8 to 5.5 V.
Table 6: Watchdog electrical characteristics
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Minimum watchdog time
tWDMIN
Internal 25 kHz oscillator
200
ms
Maximum watchdog
time
tWDMAX
Internal 25 kHz oscillator
2.5
s
Minimum assert time of
WDKICK
tWDKICKMIN
150
µs
2-wire interface
4.3
Figure 3: 2-wire interface timing
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC, VSYS = 2.8 to 5.5 V.
Table 7: 2-wire interface electrical characteristics
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Bus free time
STOP to START
tBUF
0.5
µs
Bus line capacitive load
CB
150
pF
Standard/Fast/Fast+ Mode
SCL clock frequency
fSCL
Note 1
0
1000
kHz
Start condition set-up time
tSU_STA
0.26
µs
Start condition hold time
tH_STA
0.26
µs
SCL low time
tLOW
0.5
µs
SCL high time
tHIGH
0.26
µs
2-WIRE SCL and SDA rise time
tR
(input requirement)
1000
ns
2-WIRE SCL and SDA fall time
tF
(input requirement)
300
ns
Data set-up time
tSU_D
50
ns
Data hold-time
tH_D
0
ns
Data valid time
tVD_D
0.45
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com