Electronic Components Datasheet Search
  English  ▼

X  

DA9061 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA9061
Description  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA9061 Datasheet HTML 1Page - Dialog Semiconductor DA9061 Datasheet HTML 2Page - Dialog Semiconductor DA9061 Datasheet HTML 3Page - Dialog Semiconductor DA9061 Datasheet HTML 4Page - Dialog Semiconductor DA9061 Datasheet HTML 5Page - Dialog Semiconductor DA9061 Datasheet HTML 6Page - Dialog Semiconductor DA9061 Datasheet HTML 7Page - Dialog Semiconductor DA9061 Datasheet HTML 8Page - Dialog Semiconductor DA9061 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
2 of 82
© 2016 Dialog Semiconductor
Block diagram
BUCK1
BUCK2
BUCK3
LBUCK3
LBUCK2
LBUCK1
CBUCK1
CBUCK2
CBUCK3
GPIO
WD
Power
Sequencer
Interrupt
Control
2-Wire
Interface
Control
And
Status
Registers
DA9061
GPIO0
GPIO1
GPIO2
nONKEY
nRESETREQ
nIRQ
nRESET
VREF
SDA
VDD_BUCK1
VDD_BUCK2
VDD_BUCK3
GPIO3
GPIO4
VDDCORE
CVDDCORE
SCL
CVREF
TP
LDO4
CLDO4
LDO3
CLDO3
VDD_LDO34
LDO2
CLDO2
VDD_LDO2
LDO1
CLDO1
VSYS
IREF
VDDIO
RIREF
Figure 1: DA9061 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com