Electronic Components Datasheet Search
  English  ▼

X  

DA9061 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA9061
Description  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 9Page - Dialog Semiconductor DA9061 Datasheet HTML 10Page - Dialog Semiconductor DA9061 Datasheet HTML 11Page - Dialog Semiconductor DA9061 Datasheet HTML 12Page - Dialog Semiconductor DA9061 Datasheet HTML 13Page - Dialog Semiconductor DA9061 Datasheet HTML 14Page - Dialog Semiconductor DA9061 Datasheet HTML 15Page - Dialog Semiconductor DA9061 Datasheet HTML 16Page - Dialog Semiconductor DA9061 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
13 of 82
© 2016 Dialog Semiconductor
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Load transient
response
VTR_LOAD
VDD = 3.6 V
IOUT = 1 mA to IMAX
tr = tf = 1 µs
30
50
mV
Power supply rejection
ratio
PSRR
VDD = 3.6 V
VDD – VLDO ≥ 0.6 V
IOUT = IMAX/2
f = fVDDLDO
f = 10 Hz to 10 kHz
40
60
dB
Output noise
N
VDD = 3.6 V,
VLDO = 2.8 V
IOUT = 5 mA to IMAX,
f = 10 Hz to 100 kHz
70
μV rms
Quiescent current in
ON mode
IQ_ON
9 +
0.9% IOUT
μA
Quiescent current in
SLEEP mode
IQ_SLEEP
1.5 +
1.6% IOUT
μA
Quiescent current in
OFF mode
IQ_OFF
TA = 25 ºC
VLDO < 0.5 V
1
μA
Turn-on time
tON
10 to 90 %
350
μs
SLEEP mode
450
Turn-off time
tOFF
90 to 10%
Pull-down enabled
1
ms
Pull-down resistance in
OFF mode
ROFF
VLDO = 0.5 V
Can be disabled via
LDO1_PD_DIS
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com