Electronic Components Datasheet Search
  English  ▼

X  

DA14581 Datasheet(PDF) 79 Page - Dialog Semiconductor

Part # DA14581
Description  Low Power Bluetooth Smart SoC with optimized boot time
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14581 Datasheet(HTML) 79 Page - Dialog Semiconductor

Back Button DA14581 Datasheet HTML 75Page - Dialog Semiconductor DA14581 Datasheet HTML 76Page - Dialog Semiconductor DA14581 Datasheet HTML 77Page - Dialog Semiconductor DA14581 Datasheet HTML 78Page - Dialog Semiconductor DA14581 Datasheet HTML 79Page - Dialog Semiconductor DA14581 Datasheet HTML 80Page - Dialog Semiconductor DA14581 Datasheet HTML 81Page - Dialog Semiconductor DA14581 Datasheet HTML 82Page - Dialog Semiconductor DA14581 Datasheet HTML 83Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 152 page
background image
Datasheet
Revision 3.0
18-Dec-2015
CFR0011-120-00-FM Rev 5
79 of 152
© 2015 Dialog Semiconductor
DA14581
Low Power Bluetooth Smart SoC with optimized boot time
FINAL
7:0
R/W
SRBR_STHRX
Shadow Receive Buffer Register x: This is a shadow register
for the RBR and has been allocated sixteen 32-bit locations
so as to accommodate burst accesses from the master. This
register contains the data byte received on the serial input
port (sin) in UART mode or the serial infrared input (sir_in) in
infrared mode. The data in this register is valid only if the
Data Ready (DR) bit in the Line status Register (LSR) is set.
If FIFOs are disabled (FCR[0] set to zero), the data in the
RBR must be read before the next data arrives, otherwise it
will be overwritten, resulting in an overrun error. If FIFOs are
enabled (FCR[0] set to one), this register accesses the head
of the receive FIFO. If the receive FIFO is full and this regis-
ter is not read before the next data character arrives, then
the data already in the FIFO will be preserved but any
incoming data will be lost. An overrun error will also occur.
Shadow Transmit Holding Register 0: This is a shadow reg-
ister for the THR and has been allocated sixteen 32-bit loca-
tions so as to accommodate burst accesses from the master.
This register contains data to be transmitted on the serial
output port (sout) in UART mode or the serial infrared output
(sir_out_n) in infrared mode. Data should only be written to
the THR when the THR Empty (THRE) bit (LSR[5]) is set. If
FIFO's are disabled (FCR[0] set to zero) and THRE is set,
writing a single character to the THR clears the THRE. Any
additional writes to the THR before the THRE is set again
causes the THR data to be overwritten. If FIFO's are enabled
(FCR[0] set to one) and THRE is set, x number of characters
of data may be written to the THR before the FIFO is full.
The number x (default=16) is determined by the value of
FIFO Depth that you set during configuration. Any attempt to
write data when the FIFO is full results in the write data being
lost.
0x0
Table 101: UART2_SRBR_STHR5_REG (0x50001144)
Bit
Mode
Symbol
Description
Reset
Table 102: UART2_SRBR_STHR6_REG (0x50001148)
Bit
Mode
Symbol
Description
Reset
15:8
-
-
Reserved
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com