Electronic Components Datasheet Search
  English  ▼

X  

ADV7181BST Datasheet(PDF) 42 Page - Analog Devices

Part # ADV7181BST
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BST Datasheet(HTML) 42 Page - Analog Devices

Back Button ADV7181BST Datasheet HTML 38Page - Analog Devices ADV7181BST Datasheet HTML 39Page - Analog Devices ADV7181BST Datasheet HTML 40Page - Analog Devices ADV7181BST Datasheet HTML 41Page - Analog Devices ADV7181BST Datasheet HTML 42Page - Analog Devices ADV7181BST Datasheet HTML 43Page - Analog Devices ADV7181BST Datasheet HTML 44Page - Analog Devices ADV7181BST Datasheet HTML 45Page - Analog Devices ADV7181BST Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
ADV7181B
Rev. 0 | Page 42 of 96
NVENDDELE NTSC VSync End Delay on Even Field,
Address 0xE6 [6]
When NVENDDELE is set to 0 (default), there is no delay.
Setting NVENDDELE to 1 delays VSync from going low on an
even field by a line relative to NVEND.
NVENDSIGN NTSC VSync End Sign, Address 0xE6 [5]
Setting NVENDSIGN to 0 (default) delays the end of VSync. Set
for user manual programming.
Setting NVENDSIGN to 1 advances the end of VSync. Not
recommended for user programming.
NVEND NTSC[4:0] VSync End, Address 0xE6 [4:0]
The default value of NVEND is 00100, indicating the NTSC
VSync end position.
For all NTSC/PAL VSync timing controls, both the V bit in the
AV code and the VSync on the VS pin are modified.
NFTOGDELO NTSC Field Toggle Delay on Odd Field,
Address 0xE7 [7]
When NFTOGDELO is 0 (default), there is no delay.
Setting NFTOGDELO to 1 delays the field toggle/transition on
an odd field by a line relative to NFTOG.
NFTOGDELE NTSC Field Toggle Delay on Even Field,
Address 0xE7 [6]
When NFTOGDELE is 0, there is no delay.
Setting NFTOGDELE to 1 (default) delays the field toggle/
transition on an even field by a line relative to NFTOG.
ADVANCE TOGGLE OF
FIELD BY NFTOG[4:0]
DELAY TOGGLE OF
FIELD BY NFTOG[4:0]
NFTOGSIGN
ODD FIELD?
0
1
NO
YES
NFTOGDELE
ADDITIONAL
DELAY BY
1 LINE
1
0
NFTOGDELO
ADDITIONAL
DELAY BY
1 LINE
1
0
FIELD
TOGGLE
NOT VALID FOR USER
PROGRAMMING
Figure 24. NTSC FIELD Toggle
NFTOGSIGN NTSC Field Toggle Sign, Address 0xE7 [5]
Setting NFTOGSIGN to 0 delays the field transition. Set for
user manual programming.
Setting NFTOGSIGN to 1 (default) advances the field
transition. Not recommended for user programming.
NFTOG[4:0] NTSC Field Toggle, Address 0xE7 [4:0]
The default value of NFTOG is 00011, indicating the NTSC
Field toggle position.
For all NTSC/PAL Field timing controls, both the F bit in the
AV code and the Field signal on the FIELD/DE pin are modified.
Table 55. Recommended User Settings for PAL
(see Figure 26)
Register
Register Name
Write
0x31
VSync Field Control 1
0x12
0x32
VSync Field Control 2
0x81
0x33
VSync Field Control 3
0x84
0x37
Polarity
0x29
0xE8
PAL_V_Bit_Beg
0x1
0xE9
PAL_V_Bit_End
0x4
0xEA
PAL_F_Bit_Tog
0x6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com