Electronic Components Datasheet Search
  English  ▼

X  

ADV7181BST Datasheet(PDF) 83 Page - Analog Devices

Part # ADV7181BST
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BST Datasheet(HTML) 83 Page - Analog Devices

Back Button ADV7181BST Datasheet HTML 79Page - Analog Devices ADV7181BST Datasheet HTML 80Page - Analog Devices ADV7181BST Datasheet HTML 81Page - Analog Devices ADV7181BST Datasheet HTML 82Page - Analog Devices ADV7181BST Datasheet HTML 83Page - Analog Devices ADV7181BST Datasheet HTML 84Page - Analog Devices ADV7181BST Datasheet HTML 85Page - Analog Devices ADV7181BST Datasheet HTML 86Page - Analog Devices ADV7181BST Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
ADV7181B
Rev. 0 | Page 83 of 96
Bits
Subaddress
Register
Bit Description
7
6
5
4
3
210
Comments
Notes
0
0
0
1 line of video
0
0
1
2 lines of video
0
1
0
5 lines of video
0
1
1
10 lines of video
1
0
0
100 lines of video
1
0
1
500 lines of video
1
1
0
1000 lines of video
CIL[2:0]. Count-into-lock determines
the number of lines the system must
remain in lock before showing a
locked status.
1
1
1
100000 lines of video
0
0
0
1 line of video
0
0
1
2 lines of video
0
1
0
5 lines of video
0
1
1
10 lines of video
1
0
0
100 lines of video
1
0
1
500 lines of video
1
1
0
1000 lines of video
COL[2:0]. Count-out-of-lock
determines the number of lines the
system must remain out-of-lock
before showing a lost-locked status.
1
1
1
100000 lines of video
0
Over field with vertical
info
SRLS. Select raw lock signal. Selects
the determination of the lock.
Status.
1
Line-to-line evaluation
0
Lock status set only by
horizontal lock
0x51
Lock Count
FSCLE. Fsc lock enable.
1
Lock status set by
horizontal lock and
subcarrier lock.
Reserved
0
0
0
0
Set to default
0
0
0
LLC1 (nominal 27 MHz)
selected out on LLC1 pin
LLC_PAD_SEL [2:0]. Enables manual
selection of clock for LLC1 pin.
1
0
1
LLC2 (nominally 13.5 MHz)
selected out on LLC1 pin
For 16-bit 4:2:2 out,
OF_SEL[3:0] = 0010
0x8F
Free Run
Line
Length 1
Reserved
0
Set to default
0
No WSS detected
WSSD. Screen signaling detected.
1
WSS detected
0
No CCAP signals detected
CCAPD. Closed caption data.
1
CCAP sequence detected
0
No EDTV sequence
detected
EDTVD. EDTV sequence
1
EDTV sequence detected
0
No CGMS transition
detected
CGMSD. CGMS sequence
1
CGMS sequence decoded
0x90
VBI Info
(Read
Only)
Reserved
x
x
x
x
Read-only status
bits
0x91
WSS1
(Read Only)
WSS1[7:0]
Wide screen signaling data.
x
x
x
x
x
x
x
x
0x92
WSS2
(Read Only)
WSS2[7:0]
Wide screen signaling data.
x
x
x
x
x
x
x
x
WSS2[7:6] are
undetermined
0x93
EDTV1
(Read Only)
EDTV1[7:0]
EDTV data register.
x
x
x
x
x
x
x
x
0x94
EDTV2
(Read Only)
EDTV2[7:0]
EDTV data register.
x
x
x
x
x
x
x
x
0x95
EDTV3
(Read Only)
EDTV3[7:0]
EDTV data register.
x
x
x
x
x
x
x
x
EDTV3[7:6] are
undetermined
EDTV3[5] is reserved
for future use
0x96
CGMS1
(Read Only)
CGMS1[7:0]
CGMS data register.
x
x
x
x
x
x
x
x
0x97
CGMS2
(Read Only)
CGMS2[7:0]
CGMS data register.
x
x
x
x
x
x
x
x
0x98
CGMS3
(Read Only)
CGMS3[7:0]
CGMS data register.
x
x
x
x
x
x
x
x
CGMS3[7:4] are
undetermined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com