| Electronic Components Datasheet Search |
|
ADV7181BST Datasheet(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7181BST Datasheet(HTML) 28 Page - Analog Devices |
|
28 / 96 page ![]() ADV7181B Rev. 0 | Page 28 of 96 0 –10 –20 –30 –40 –50 –60 –70 010 8 6 4 212 FREQUENCY (MHz) v740a COMBINED Y ANTIALIAS, S-VHS LOW-PASS FILTERS, Y RESAMPLE Figure 11. Y S-VHS Combined Responses The filter plots in Figure 11 show the S-VHS 1 (narrowest) to S-VHS 18 (widest) shaping filter settings. Figure 13 shows the PAL notch filter responses. The NTSC-compatible notches are shown in Figure 14. 0 –20 –40 –60 –80 –100 –120 010 8 6 4 212 FREQUENCY (MHz) v740a COMBINED Y ANTIALIAS, CCIR MODE SHAPING FILTER, Y RESAMPLE Figure 12.Y S-VHS 18 Extra Wideband Filter (CCIR 601 Compliant) 0 –10 –20 –30 –40 –50 –60 –70 010 8 6 4 212 FREQUENCY (MHz) v740a COMBINED Y ANTIALIAS, PAL NOTCH FILTERS, Y RESAMPLE Figure 13.Y S-VHS 18 Extra Wideband Filter (CCIR 601 Compliant) 0 –10 –20 –30 –40 –50 –60 –70 010 8 6 4 212 FREQUENCY (MHz) v740a COMBINED Y ANTIALIAS, NTSC NOTCH FILTERS, Y RESAMPLE Figure 14. Y S-VHS 18 Extra Wideband Filter (601) CHROMA FILTER Data from the digital fine clamp block is processed by three sets of filters. Note that the data format at this point is CVBS for CVBS inputs, chroma only for Y/C, or U/V interleaved for YPrPb input formats. • Chroma Antialias Filter (CAA). The ADV7181B over- samples the CVBS by a factor of 2 and the Chroma/PrPb by a factor of 4. A decimating filter (CAA) is used to preserve the active video band and to remove any out-of- band components. The CAA filter has a fixed response. • Chroma Shaping Filters (CSH). The shaping filter block (CSH) can be programmed to perform a variety of low- pass responses. It can be used to selectively reduce the bandwidth of the chroma signal for scaling or compression. • Digital Resampling Filter. This block is used to allow dynamic resampling of the video signal to alter parameters such as the time base of a line of video. Fundamentally, the resampler is a set of low-pass filters. The actual response is chosen by the system without user intervention. The plots in Figure 15 show the overall response of all filters together. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |