Electronic Components Datasheet Search
  English  ▼

X  

ADV7181B Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7181B
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181B Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7181B Datasheet HTML 35Page - Analog Devices ADV7181B Datasheet HTML 36Page - Analog Devices ADV7181B Datasheet HTML 37Page - Analog Devices ADV7181B Datasheet HTML 38Page - Analog Devices ADV7181B Datasheet HTML 39Page - Analog Devices ADV7181B Datasheet HTML 40Page - Analog Devices ADV7181B Datasheet HTML 41Page - Analog Devices ADV7181B Datasheet HTML 42Page - Analog Devices ADV7181B Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
ADV7181B
Rev. 0 | Page 39 of 96
VS and FIELD Configuration
The following controls allow the user to configure the behavior
of the VS and FIELD output pins, as well as the generation of
embedded AV codes:
•
ADV encoder-compatible signals via NEWAVMODE
•
PVS, PF
•
HVSTIM
•
VSBHO, VSBHE
•
VSEHO, VSEHE
•
For NTSC control:
o
NVBEGDELO, NVBEGDELE, NVBEGSIGN,
NVBEG[4:0]
o
NVENDDELO, NVENDDELE, NVENDSIGN,
NVEND[4:0]
o
NFTOGDELO, NFTOGDELE, NFTOGSIGN,
NFTOG[4:0]
•
For PAL control:
o
PVBEGDELO, PVBEGDELE, PVBEGSIGN,
PVBEG[4:0]
o
PVENDDELO, PVENDDELE, PVENDSIGN,
PVEND[4:0]
o
PFTOGDELO, PFTOGDELE, PFTOGSIGN,
PFTOG[4:0]
NEWAVMODE New AV Mode, Address 0x31 [4]
When NEWAVMODE is 0, EAV/SAV codes are generated to
suit ADI encoders. No adjustments are possible.
Setting NEWAVMODE to 1 (default) enables the manual
position of the VSYNC, Field, and AV codes using Registers
0x34 to 0x37 and 0xE5 to 0xEA. Default register settings are
CCIR656 compliant; see Figure 20 for NTSC and Figure 25 for
PAL. For recommended manual user settings, see Table 54 and
Figure 21 for NTSC; see Table 55 and Figure 26 for PAL.
HVSTIM Horizontal VS Timing, Address 0x31 [3]
The HVSTIM bit allows the user to select where the VS signal is
asserted within a line of video. Some interface circuitry may
require VS to go low while HS is low.
When HVSTIM is 0 (default), the start of the line is relative to
HSE.
When HVSTIM is 1, the start of the line is relative to HSB.
VSBHO VS Begin Horizontal Position Odd, Address 0x32 [7]
The VSBHO and VSBHE bits select the position within a line at
which the VS pin (not the bit in the AV code) becomes active.
Some follow-on chips require the VS pin to only change state
when HS is high/low.
When VSBHO is 0 (default), the VS pin goes high at the middle
of a line of video (odd field).
When VSBHO is 1, the VS pin changes state at the start of a line
(odd field).
VSBHE VS Begin Horizontal Position Even, Address 0x32 [6]
The VSBHO and VSBHE bits select the position within a line at
which the VS pin (not the bit in the AV code) becomes active.
Some follow-on chips require the VS pin to only change state
when HS is high/low.
When VSBHE is 0 (default), the VS pin goes high at the middle
of a line of video (even field).
When VSBHE is 1, the VS pin changes state at the start of a line
(even field).
VSEHO VS End Horizontal Position Odd, Address 0x33 [7]
The VSEHO and VSEHE bits select the position within a line at
which the VS pin (not the bit in the AV code) becomes active.
Some follow-on chips require the VS pin to only change state
when HS is high/low.
When VSEHO is 0 (default), the VS pin goes low (inactive) at
the middle of a line of video (odd field).
When VSEHO is 1, the VS pin changes state at the start of a line
(odd field).
VSEHE VS End Horizontal Position Even, Address 0x33 [6]
The VSEHO and VSEHE bits select the position within a line at
which the VS pin (not the bit in the AV code) becomes active.
Some follow-on chips require the VS pin to only change state
when HS is high/low.
When VSEHE is 0 (default), the VS pin goes low (inactive) at
the middle of a line of video (even field).
When VSEHE is 1, the VS pin changes state at the start of a line
(even field).
PVS Polarity VS, Address 0x37 [5]
The polarity of the VS pin can be inverted using the PVS bit.
When PVS is 0 (default), VS is active high.
When PVS is 1, VS is active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com