Electronic Components Datasheet Search
  English  ▼

X  

ADV7181B Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7181B
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181B Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7181B Datasheet HTML 9Page - Analog Devices ADV7181B Datasheet HTML 10Page - Analog Devices ADV7181B Datasheet HTML 11Page - Analog Devices ADV7181B Datasheet HTML 12Page - Analog Devices ADV7181B Datasheet HTML 13Page - Analog Devices ADV7181B Datasheet HTML 14Page - Analog Devices ADV7181B Datasheet HTML 15Page - Analog Devices ADV7181B Datasheet HTML 16Page - Analog Devices ADV7181B Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
ADV7181B
Rev. 0 | Page 13 of 96
Table 8. Manual Mux Settings for All ADCs (SETADC_sw_man_en = 1)
ADC0_sw[3:0]
ADC0 Connected To:
ADC1_sw[3:0]
ADC1 Connected To:
ADC2_sw[3:0]
ADC2 Connected To:
0000
No Connection
0000
No Connection
0000
No Connection
0001
AIN2
0001
No Connection
0001
No Connection
0010
No Connection
0010
No Connection
0010
No Connection
0011
No Connection
0011
No Connection
0011
No Connection
0100
AIN4
0100
AIN4
0100
No Connection
0101
AIN6
0101
AIN6
0101
AIN6
0110
No Connection
0110
No Connection
0110
No Connection
0111
No Connection
0111
No Connection
0111
No Connection
1000
No Connection
1000
No Connection
1000
No Connection
1001
AIN1
1001
No Connection
1001
No Connection
1010
No Connection
1010
No Connection
1010
No Connection
1011
No Connection
1011
No Connection
1011
No Connection
1100
AIN3
1100
AIN3
1100
No Connection
1101
AIN5
1101
AIN5
1101
AIN5
1110
No Connection
1110
No Connection
1110
No Connection
1111
No Connection
1111
No Connection
1111
No Connection
CONNECTING
ANALOG SIGNALS
TO ADV7181B
SET INSEL[3:0] TO
CONFIGURE ADV7181B TO
DECODE VIDEO FORMAT:
CVBS: 0000
YC: 0110
YPrPb: 1001
CONFIGURE ADC INPUTS USING
MUXING CONTROL BITS
(ADC_sw_man_en,
ADC0_sw,adc1_sw, ADC2_sw)
Figure 6. Input Muxing Overview
INSEL[3:0] Input Selection, Address 0x00 [3:0]
The INSEL bits allow the user to select the input format. It
configures the standard definition processor core to process
CVBS (Comp), S-Video (Y/C), or Component (YPbPr) format.
Table 9. Standard Definition Processor Format Selection,
INSEL[3:0]
INSEL[3:0]
Video Format
0000
Composite
0110
YC
1001
YPrPb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com