Electronic Components Datasheet Search
  English  ▼

X  

ADV7181B Datasheet(PDF) 28 Page - Analog Devices

Part # ADV7181B
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181B Datasheet(HTML) 28 Page - Analog Devices

Back Button ADV7181B Datasheet HTML 24Page - Analog Devices ADV7181B Datasheet HTML 25Page - Analog Devices ADV7181B Datasheet HTML 26Page - Analog Devices ADV7181B Datasheet HTML 27Page - Analog Devices ADV7181B Datasheet HTML 28Page - Analog Devices ADV7181B Datasheet HTML 29Page - Analog Devices ADV7181B Datasheet HTML 30Page - Analog Devices ADV7181B Datasheet HTML 31Page - Analog Devices ADV7181B Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
ADV7181B
Rev. 0 | Page 28 of 96
0
–10
–20
–30
–40
–50
–60
–70
010
8
6
4
212
FREQUENCY (MHz)
v740a COMBINED Y ANTIALIAS, S-VHS LOW-PASS FILTERS,
Y RESAMPLE
Figure 11. Y S-VHS Combined Responses
The filter plots in Figure 11 show the S-VHS 1 (narrowest) to
S-VHS 18 (widest) shaping filter settings. Figure 13 shows the
PAL notch filter responses. The NTSC-compatible notches are
shown in Figure 14.
0
–20
–40
–60
–80
–100
–120
010
8
6
4
212
FREQUENCY (MHz)
v740a COMBINED Y ANTIALIAS, CCIR MODE SHAPING FILTER,
Y RESAMPLE
Figure 12.Y S-VHS 18 Extra Wideband Filter (CCIR 601 Compliant)
0
–10
–20
–30
–40
–50
–60
–70
010
8
6
4
212
FREQUENCY (MHz)
v740a COMBINED Y ANTIALIAS, PAL NOTCH FILTERS,
Y RESAMPLE
Figure 13.Y S-VHS 18 Extra Wideband Filter (CCIR 601 Compliant)
0
–10
–20
–30
–40
–50
–60
–70
010
8
6
4
212
FREQUENCY (MHz)
v740a COMBINED Y ANTIALIAS, NTSC NOTCH FILTERS,
Y RESAMPLE
Figure 14. Y S-VHS 18 Extra Wideband Filter (601)
CHROMA FILTER
Data from the digital fine clamp block is processed by three sets
of filters. Note that the data format at this point is CVBS for
CVBS inputs, chroma only for Y/C, or U/V interleaved for
YPrPb input formats.
•
Chroma Antialias Filter (CAA). The ADV7181B over-
samples the CVBS by a factor of 2 and the Chroma/PrPb
by a factor of 4. A decimating filter (CAA) is used to
preserve the active video band and to remove any out-of-
band components. The CAA filter has a fixed response.
•
Chroma Shaping Filters (CSH). The shaping filter block
(CSH) can be programmed to perform a variety of low-
pass responses. It can be used to selectively reduce the
bandwidth of the chroma signal for scaling or compression.
•
Digital Resampling Filter. This block is used to allow
dynamic resampling of the video signal to alter parameters
such as the time base of a line of video. Fundamentally, the
resampler is a set of low-pass filters. The actual response is
chosen by the system without user intervention.
The plots in Figure 15 show the overall response of all filters
together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com