Electronic Components Datasheet Search
  English  ▼

X  

HSDL3602 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HSDL3602
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3602 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HSDL3602 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
12
Dim.
mm
inches
a
2.40
0.095
b
0.70
0.028
c (pitch) 1.10
0.043
d
2.35
0.093
e
2.80
0.110
f
3.13
0.123
g
4.31
0.170
Appendix A: HSDL-3602-007/-037 SMT Assembly Application Note
1.0. Solder Pad, Mask, and Metal Solder Stencil Aperture
METAL STENCIL
FOR SOLDER PASTE
PRINTING
LAND PATTERN
PCBA
STENCIL
APERTURE
SOLDER
MASK
Figure 1. Stencil and PCBA.
1.1. Recommended Land Pattern for HSDL-3602-007/-037
SHIELD SOLDER PAD
a
b
f
theta
10x PAD
Y
d
e
g
Rx LENS
Tx LENS
FIDUCIAL
X
c
FIDUCIAL
Figure 2. Top view of land pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com