Electronic Components Datasheet Search
  English  ▼

X  

HSDL3602 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSDL3602
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3602 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSDL3602 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
2
I/O Pins Configuration Table
Pin
Description
Symbol
1
Supply Voltage
VCC
2
Analog Ground
AGND
3
FIR Select
FIR_SEL
4
Mode 0
MD0
5
Mode 1
MD1
6
No Connection
NC
7
Ground
GND
8
Receiver Data Output
RXD
9
Transmitter Data Output
TXD
10
LED Anode
LEDA
Ordering Information
Package Option
Package
Part Number
Standard Package Increment
Front View
HSDL-3602-007
400
Front View
HSDL-3602-037
1800
The HSDL-3602 contains a high-
speed and high-efficiency 870 nm
LED, a silicon PIN diode, and
an integrated circuit. The IC
contains an LED driver and a
receiver providing a single
output (RXD) for all data rates
supported.
The HSDL-3602 can be com-
pletely shut down to achieve very
low power consumption. In the
shut down mode, the PIN diode is
inactive, thus producing very
little photo-current even under
very bright ambient light. The
HSDL-3602 also incorporates the
capability for adjustable optical
power. With two programming
pins; MODE 0 and MODE 1, the
optical power output can be ad-
justed lower when the nominal
desired link distance is one-third
or two-third of the full IrDA link.
The HSDL-3602 comes with a
front view packaging option
(HSDL-3602-007/-037). It has an
integrated shield that helps to
ensure low EMI emission and
high immunity to EMI field, thus
enhancing reliable performance.
Application Support Information
The Application Engineering
group in Agilent Technologies is
available to assist you with the
Technical understanding associ-
ated with HSDL-3602 infrared
transceiver module. You can
contact them through your local
Agilent sales representatives for
additional details.
87
6
5
432
1
9
10
Back view (HSDL-3602-007/-037)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com