Electronic Components Datasheet Search
  English  ▼

X  

HSDL3602 Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # HSDL3602
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3602 Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button HSDL3602 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 25Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
20
HSDL-3602 Interoperability with SMC's Super I/O or IR Controller
TXD (9)
MD0
MD1
RXD (8)
FIR_SEL (3)
GND (7)
AGND (2)
VCC (1)
LEDA (10)
R1
VCC
SP
HSDL-3602
CX1
CX2
4
5
STANDARD
MICROSYSTEM
CORPORATION
SUPER I/O
OR
IR CONTROLLER
IRRX
IRMODE
IRTX
MODE GROUND
FOR FULL POWER
OPERATION
(C) Standard Micro System
Corporation (SMC) Super and Ultra
I/O Controllers
For SMC Super and Ultra I/O
Controller chips, IR link can be
realized with the following con-
nections:
• Connect IRTX of the SMC
Super or Ultra I/O Controller to
TXD (pin 9) of the HSDL-3602.
IRTX
IRRX
IRMODE
FDC37C669FR
89
88
23
FDC37N769
87
86
21
FDC37C957/8FR
204
203
145 or 190
• Connect IRRX of the SMC
Super or Ultra I/O Controller to
RXD (pin 8) of the HSDL-3602.
• Connect IRMODE of the Super
or Ultra I/O Controller to
FIR_SEL (pin 3) of the
HSDL-3602.
Please refer to the table below for
the IR pin assignments for the SMC
Super or Ultra I/O Controllers that
support IrDA 1.1 up to 4Mb/s:
HSDL-3602 Interoperability with
SMC 669/769 Report
(i) Test Conditions
Vcc = 3.0 – 3.6 V
RLED = 2.2
Ω
Optical transmitter
pulse width = 125 ns
Mode set to full power
(ii) Test Result
The interoperability test results
show that HSDL-3602 IR
transceiver can operate
≥ 1.5
meter link distance from 3 V to
3.6 V with SMC 669/769 at any
IrDA 1.1 data rate without error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com