Electronic Components Datasheet Search
  English  ▼

X  

AT52BC6402AT Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT52BC6402AT
Description  64 MBIT FLASH 16 MBIT PSRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52BC6402AT Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT52BC6402AT Datasheet HTML 9Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 10Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 11Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 12Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 13Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 14Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 15Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 16Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
AT52BC6402A(T)
3441B–STKD–11/04
Absolute Maximum Ratings*
Temperature under Bias ................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
All Input Voltages Except V
PP
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
V
PP Input Voltage
with Respect to Ground ......................................... 0V to 13.0V
All Output Voltages
with Respect to Ground ...........................-0.6V to V
CCQ + 0.6V
Protection Register Addressing Table
Word
Use
Block
A7
A6
A5
A4
A3
A2
A1
A0
0
Factory
A
10000
001
1
Factory
A
10000
010
2
Factory
A
10000
011
3
Factory
A
10000
100
4
User
B
10000
101
5
User
B
10000
110
6
User
B
10000
111
7
User
B
10001
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com