Electronic Components Datasheet Search
  English  ▼

X  

AT52BC6402AT Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT52BC6402AT
Description  64 MBIT FLASH 16 MBIT PSRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52BC6402AT Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT52BC6402AT Datasheet HTML 17Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 18Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 19Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 20Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 21Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 22Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 23Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 24Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
AT52BC6402A(T)
3441B–STKD–11/04
AC Word Load Waveforms
WE Controlled
CE Controlled
AC Word Load Characteristics
Symbol
Parameter
Min
Max
Units
t
AS
Address Setup Time to WE and CE Low
0
ns
tAH
Address Hold Time
20
ns
t
DS
Data Setup Time
20
ns
t
DH
Data Hold Time
0
ns
tWP
CE or WE Low Pulse Width
35
ns
t
WPH
CE or WE High Pulse Width
25
ns
tDS
tAH
tDH
tWP
DATA VALID
CE
I/O0-I/O15
A0 -A21
WE
tAS
tDS
tDH
tWP
DATA VALID
CE
I/O0-I/O15
A0 -A21
WE
tAS
tAH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com