Electronic Components Datasheet Search
  English  ▼

X  

AT52BC6402AT Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT52BC6402AT
Description  64 MBIT FLASH 16 MBIT PSRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52BC6402AT Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT52BC6402AT Datasheet HTML 25Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 26Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 27Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 28Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 29Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 30Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 31Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 32Page - ATMEL Corporation AT52BC6402AT Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29
AT52BC6402A(T)
3441B–STKD–11/04
AC Characteristics
V
CC = 2.7V ~ 3.1V, TA = -30°C to 85°C (I), Unless Otherwise Specified
#
Symbol
Parameter
70 ns
Unit
Min
Max
Read Cycle
1t
RC
Read Cycle Time
70
ns
2tAA
Address Access Time
70
ns
3t
ACS
Chip Select Access Time
70
ns
4t
OE
Output Enable to Output Valid
20
ns
5tBA
LB, UB Access Time
20
ns
6t
CLZ
Chip Select to Output in Low Z
10
ns
7t
OLZ
Output Enable to Output in Low Z
5
ns
8tBLZ
LB, UB Enable to Output in Low Z
10
ns
9t
CHZ
Chip Disable to Output in High Z
0
10
ns
10
t
OHZ
Out Disable to Output in High Z
0
10
ns
11
tBHZ
LB, UB Disable to Output in High Z
0
10
ns
12
t
OH
Output Hold from Address Change
5
ns
Write Cycle
13
tWC
Write Cycle Time
70
ns
14
t
CW
Chip Selection to End of Write
60
ns
15
t
AW
Address Valid to End of Write
60
ns
16
tBW
LB, UB Valid to End of Write
60
ns
17
t
AS
Address Setup Time
0
ns
18
t
WP
Write Pulse Width
50
ns
19
tWR
Write Recovery Time
0
ns
20
t
WHZ
Write to Output in High Z
0
20
ns
21
t
DW
Data to Write Time Overlap
30
ns
22
tDH
Data Hold from Write Time
0
ns
23
t
OW
Output Active from End of Write
5
ns
AC Test Conditions
T
A = -30°C to 85°C (M), Unless Otherwise Specified
Parameter
Value
Input Pulse Level
0.4V to 2.2V
Input Rising and Fall Time
5 ns
Input and Output Timing Reference Level
0.5 * V
CC
Output Load
(See AC Test Loads Figure on page 30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com