Electronic Components Datasheet Search
  English  ▼

X  

U1732P Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # U1732P
Description  Take your expectations higher with the latest LCR meters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1732P Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  U1732P Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3
Take a Closer Look
Visible and audible
tolerance mode for
component sorting
Maximum, Minimum and
Average values recording
Ai helps identify L, C,
and R components
automatically according
to level of impedance
ESR function for
capacitance series
resistance analysis
Auto calculation of Phase
Angle, Dissipation Factor,
and Quality Factor
To select desired Z,
L, C, or R function
To enter rolerance range
of 1%, 5%, 10%, and 20%
Backlight function to ease
viewing in subdued lighting
(only in U1732C/U1733C)
Secondary display
20,000 counts resolution
Data Hold function
to freeze and save
measured values
To select desired test
frequency:
• U1731C: Up to 1 kHz
• U1732C: Up to 10 kHz
• U1733C: Up to 100 kHz
To enable DCR
measurement
(only in U1733C)
Allows manual or auto
ranging to be used
interchangeably
To enter relative mode and
stores display reading as a
reference value
Figure 2. Front view of the U1733C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com