Electronic Components Datasheet Search
  English  ▼

X  

U1732P Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # U1732P
Description  Take your expectations higher with the latest LCR meters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1732P Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  U1732P Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2
Features
Key features
• 20,000 counts resolution
• 0.2% basic accuracy
• Wide LCR ranges with three to five
selectable test frequencies (up to
100 kHz for U1733C)
• Auto identification (Ai)
automatically determines and
displays component type and
measurements
• Detailed component analysis with
DCR, ESR, Z, D, Q, and θ functions
• Battery life of 16 hours/
AC-powered
• IR-to-USB connectivity for data
logging to PC
Frequency up to 100 kHz
The test frequency now extends
as high as 100 kHz, providing more
flexibility to test a wider range of
components. A higher test frequency,
for example 100 kHz, is useful for
applications such as testing alumi-
num electrolytic capacitors used in
switching power supply circuits.
Automated identification
With Ai the testing and measuring
experience is easy; eliminating unnec-
essary trial and error time—with just
a single push of a button. This unique
feature automatically specifies L, C,
or R with parallel and series mode,
without the need to manually change
buttons.
Detailed component analysis
The handheld LCR meters allows
you to test various component types,
including secondary components
of Dissipation Factor (D), Quality
Factor (Q), and Angle Indication of
Impedance (θ). This new handheld
series also includes other func-
tions that result in a more detailed
component analysis. For example, the
built-in Equivalent Series Resistance
(ESR) function helps you better
understand the inherent resistance
behavior typically found in capacitors
across selected frequencies. DCR is a
built-in DC resistance measurement
that eliminates the use of a separate
digital multimeter (DMM) for compo-
nent test.
Figure 1. Automate the recording of continuous readings when you hook the U1731C/U1732C/U1733C to a PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com