Electronic Components Datasheet Search
  English  ▼

X  

U1732P Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # U1732P
Description  Take your expectations higher with the latest LCR meters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1732P Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button U1732P Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 10Page - Agilent(Hewlett-Packard) U1732P Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
8
General Specifications
Parameter
U1731C
U1732C
U1733C
Measurements
Z/L/C/R/D/Q/θ/ESR
Z/L/C/R/D/Q/θ/ESR
Z/L/C/R/D/Q/θ/ESR/DCR
Display
Primary display: Maximum display 19,999 counts
Secondary display: Maximum display 999 counts
Automatic polarity indication
Test frequency (Accuracy =
± 0.1% of actual test frequency)
100 Hz, 120 Hz, 1 kHz
100 Hz, 120 Hz, 1 kHz, 10 kHz
100 Hz, 120 Hz, 1 kHz, 10 kHz, 100 kHz
Backlight
No
Yes
Yes
Test signal level
Selection
Test signal level
Test frequency
100 Hz
0.74 Vrms
100 Hz
120 Hz
0.74 Vrms
120.481 Hz
1 kHz
0.74 Vrms
1 kHz
10 kHz1
0.74 Vrms
10 kHz
100 kHz2
0.74 Vrms
100 kHz
DCR2
+1.235 V
NA
Tolerance mode
1%, 5%, 10%, 20%
Ranging mode
Auto and manual
Measurement rate
1 time/second, nominal
Response time
Approximately 1 second/DUT (Device Under Test)
Auto power-off
~0-99 mins without operation
Power supply
Single standard 9 V battery (alkaline or carbon-zinc) or optional power adaptor
Power consumption
225 mVA maximum without backlight
Input protection fuse
Resettable over-current protection
Battery life
16 hours based on alkaline battery
Low battery indicator
[
] will appear when voltage drops below ~7.2 V
Operating temperature
–10 to 55 °C, 0 to 80% R.H.
Storage temperature
–20 to 70 °C, 0 to 80% R.H. without battery
Temperature coefficient
0.1 × (specified accuracy)/°C (from –10 to 18 °C or 28 to 55 °C)
Relative humidity
Maximum 80% R.H. for temperature up to 30 °C decreasing linearly to 50% R.H. at 55 °C
Weight
337 grams with battery
Dimensions (H x W x D)
184 mm x 87 mm x 41 mm
Safety and EMC Compliance
In compliance with EN61010-1 (IEC61010-1:2001) for low voltage directive and Pollution Degree II
Environment. Susceptibility and Emissions (EMC): Commercial Limits per EN61326-1
Calibration
One-year calibration cycle recommended
Warranty
• 3 years for main unit
• 3 months for standard shipped accessories
1. Only applicable for U1732C/U1733C
2. Only applicable for U1733C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com