Electronic Components Datasheet Search
  English  ▼

X  

AMIC110 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AMIC110
Description  Sitara Processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMIC110 Datasheet(HTML) 2 Page - Texas Instruments

  AMIC110 Datasheet HTML 1Page - Texas Instruments AMIC110 Datasheet HTML 2Page - Texas Instruments AMIC110 Datasheet HTML 3Page - Texas Instruments AMIC110 Datasheet HTML 4Page - Texas Instruments AMIC110 Datasheet HTML 5Page - Texas Instruments AMIC110 Datasheet HTML 6Page - Texas Instruments AMIC110 Datasheet HTML 7Page - Texas Instruments AMIC110 Datasheet HTML 8Page - Texas Instruments AMIC110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 214 page
background image
2
AMIC110
SPRS971A – AUGUST 2016 – REVISED SEPTEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AMIC110
Device Overview
Copyright © 2016, Texas Instruments Incorporated
(1)
The Ethernet, GFX [SGX530], and LCD modules are not
supported for this family of devices, but the "LCD" and "GFX"
names are still present in some PLL, power domain, or supply
voltage names.
•
Five ADPLLs to Generate System Clocks
(MPU Subsystem, DDR Interface, USB and
Peripherals [MMC and SD, UART, SPI, I2C],
L3, L4, Ethernet, GFX [SGX530], LCD Pixel
Clock (1))
– Power
•
Two Nonswitchable Power Domains (Real-
Time Clock [RTC], Wake-Up Logic
[WAKEUP])
•
Three Switchable Power Domains (MPU
Subsystem [MPU], SGX530 [GFX](1),
Peripherals and Infrastructure [PER])
•
Implements SmartReflex™ Class 2B for
Core Voltage Scaling Based On Die
Temperature, Process Variation, and
Performance (Adaptive Voltage Scaling
[AVS])
•
Dynamic Voltage Frequency Scaling (DVFS)
• Real-Time Clock (RTC)
– Real-Time Date (Day-Month-Year-Day of Week)
and Time (Hours-Minutes-Seconds) Information
– Internal 32.768-kHz Oscillator, RTC Logic and
1.1-V Internal LDO
– Independent Power-on-Reset
(RTC_PWRONRSTn) Input
– Dedicated Input Pin (EXT_WAKEUP) for
External Wake Events
– Programmable Alarm Can be Used to Generate
Internal Interrupts to the PRCM (for Wakeup) or
Cortex-A8 (for Event Notification)
– Programmable Alarm Can be Used With
External Output (PMIC_POWER_EN) to Enable
the Power Management IC to Restore Non-RTC
Power Domains
• Peripherals
– Up to Two USB 2.0 High-Speed OTG Ports
With Integrated PHY
– Up to Two Controller-Area Network (CAN) Ports
•
Supports CAN Version 2 Parts A and B
– Up to Two Multichannel Audio Serial Ports
(McASPs)
•
Transmit and Receive Clocks up to 50 MHz
•
Up to Four Serial Data Pins per McASP Port
With Independent TX and RX Clocks
•
Supports Time Division Multiplexing (TDM),
Inter-IC Sound (I2S), and Similar Formats
•
Supports Digital Audio Interface
Transmission (SPDIF, IEC60958-1, and
AES-3 Formats)
•
FIFO Buffers for Transmit and Receive (256
Bytes)
– Up to Six UARTs
•
All UARTs Support IrDA and CIR Modes
•
All UARTs Support RTS and CTS Flow
Control
•
UART1 Supports Full Modem Control
– Up to Two Master and Slave McSPI Serial
Interfaces
•
Up to Two Chip Selects
•
Up to 48 MHz
– Up to Three MMC, SD, SDIO Ports
•
1-, 4- and 8-Bit MMC, SD, SDIO Modes
•
MMCSD0 has Dedicated Power Rail for
1.8
‑V or 3.3-V Operation
•
Up to 48-MHz Data Transfer Rate
•
Supports Card Detect and Write Protect
•
Complies With MMC4.3, SD, SDIO 2.0
Specifications
– Up to Three I2C Master and Slave Interfaces
•
Standard Mode (up to 100 kHz)
•
Fast Mode (up to 400 kHz)
– Up to Four Banks of General-Purpose I/O
(GPIO) Pins
•
32 GPIO Pins per Bank (Multiplexed With
Other Functional Pins)
•
GPIO Pins Can be Used as Interrupt Inputs
(up to Two Interrupt Inputs per Bank)
– Up to Three External DMA Event Inputs that can
Also be Used as Interrupt Inputs
– Eight 32-Bit General-Purpose Timers
•
DMTIMER1 is a 1-ms Timer Used for
Operating System (OS) Ticks
•
DMTIMER4–DMTIMER7 are Pinned Out
– One Watchdog Timer
– 12-Bit Successive Approximation Register
(SAR) ADC
•
200K Samples per Second
•
Input can be Selected from any of the Eight
Analog Inputs Multiplexed Through an 8:1
Analog Switch
– Up to Three Enhanced High-Resolution PWM
Modules (eHRPWMs)
•
Dedicated 16-Bit Time-Base Counter With
Time and Frequency Controls
•
Configurable as Six Single-Ended, Six Dual-
Edge Symmetric, or Three Dual-Edge
Asymmetric Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com