Electronic Components Datasheet Search
  English  ▼

X  

AMIC110 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMIC110
Description  Sitara Processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMIC110 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMIC110 Datasheet HTML 9Page - Texas Instruments AMIC110 Datasheet HTML 10Page - Texas Instruments AMIC110 Datasheet HTML 11Page - Texas Instruments AMIC110 Datasheet HTML 12Page - Texas Instruments AMIC110 Datasheet HTML 13Page - Texas Instruments AMIC110 Datasheet HTML 14Page - Texas Instruments AMIC110 Datasheet HTML 15Page - Texas Instruments AMIC110 Datasheet HTML 16Page - Texas Instruments AMIC110 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 214 page
background image
13
AMIC110
www.ti.com
SPRS971A – AUGUST 2016 – REVISED SEPTEMBER 2016
Submit Documentation Feedback
Product Folder Links: AMIC110
Terminal Configuration and Functions
Copyright © 2016, Texas Instruments Incorporated
4.2
Pin Attributes
The AM335x and AMIC110 Sitara Processors Technical Reference Manual and this document may
reference internal signal names when discussing peripheral input and output signals because many of the
AMIC110 package terminals can be multiplexed to one of several peripheral signals. The following table
has a Pin Name column that lists all device terminal names and a Signal Name column that lists all
internal signal names multiplexed to each terminal which provides a cross reference of internal signal
names to terminal names. This table also identifies other important terminal characteristics.
1. BALL NUMBER: Package ball numbers associated with each signals.
2. PIN NAME: The name of the package pin or terminal.
Note: The table does not take into account subsystem terminal multiplexing options.
3. SIGNAL NAME: The signal name for that pin in the mode being used.
4. MODE: Multiplexing mode number.
(a) Mode 0 is the primary mode; this means that when mode 0 is set, the function mapped on the
terminal corresponds to the name of the terminal. There is always a function mapped on the
primary mode. Notice that primary mode is not necessarily the default mode.
Note: The default mode is the mode at the release of the reset; also see the RESET REL. MODE
column.
(b) Modes 1 to 7 are possible modes for alternate functions. On each terminal, some modes are
effectively used for alternate functions, while some modes are not used and do not correspond to a
functional configuration.
5. TYPE: Signal direction
–
I = Input
–
O = Output
–
I/O = Input and Output
–
D = Open drain
–
DS = Differential
–
A = Analog
–
PWR = Power
–
GND = Ground
Note: In the safe_mode, the buffer is configured in high-impedance.
6. BALL RESET STATE: State of the terminal while the active low PWRONRSTn terminal is low.
–
0: The buffer drives VOL (pulldown or pullup resistor not activated)
0(PD): The buffer drives VOL with an active pulldown resistor
–
1: The buffer drives VOH (pulldown or pullup resistor not activated)
1(PU): The buffer drives VOH with an active pullup resistor
–
Z: High-impedance
–
L: High-impedance with an active pulldown resistor
–
H : High-impedance with an active pullup resistor
7. BALL RESET REL. STATE: State of the terminal after the active low PWRONRSTn terminal
transitions from low to high.
–
0: The buffer drives VOL (pulldown or pullup resistor not activated)
0(PD): The buffer drives VOL with an active pulldown resistor
–
1: The buffer drives VOH (pulldown or pullup resistor not activated)
1(PU): The buffer drives VOH with an active pullup resistor
–
Z: High-impedance.
–
L: High-impedance with an active pulldown resistor
–
H : High-impedance with an active pullup resistor
8. RESET REL. MODE: The mode is automatically configured after the active low PWRONRSTn terminal
transitions from low to high.
9. POWER: The voltage supply that powers the I/O buffers of the terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com