Electronic Components Datasheet Search
  English  ▼

X  

AMIC110 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # AMIC110
Description  Sitara Processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMIC110 Datasheet(HTML) 95 Page - Texas Instruments

Back Button AMIC110 Datasheet HTML 91Page - Texas Instruments AMIC110 Datasheet HTML 92Page - Texas Instruments AMIC110 Datasheet HTML 93Page - Texas Instruments AMIC110 Datasheet HTML 94Page - Texas Instruments AMIC110 Datasheet HTML 95Page - Texas Instruments AMIC110 Datasheet HTML 96Page - Texas Instruments AMIC110 Datasheet HTML 97Page - Texas Instruments AMIC110 Datasheet HTML 98Page - Texas Instruments AMIC110 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 214 page
background image
MPU
PLL
PER
PLL
DDR
PLL
CORE
PLL
LCD
PLL
VDDS_PLL_MPU
VDDS_PLL_CORE_LCD
VDDA1P8V_USB0
VDDS_PLL_DDR
95
AMIC110
www.ti.com
SPRS971A – AUGUST 2016 – REVISED SEPTEMBER 2016
Submit Documentation Feedback
Product Folder Links: AMIC110
Power and Clocking
Copyright © 2016, Texas Instruments Incorporated
6.1.4
Digital Phase-Locked Loop Power Supply Requirements
NOTE
The LCD module is not supported for this family of devices, but the "LCD" name is still
present in some supply voltage or PLL names.
The digital phase-locked loop (DPLL) provides all interface clocks and functional clocks to the processor
of the AMIC110 device. The AMIC110 device integrates five different DPLLs—Core DPLL, Per DPLL, LCD
DPLL, DDR DPLL, MPU DPLL.
Figure 6-8 shows the power supply connectivity implemented in the AMIC110 device. Table 6-1 provides
the power supply requirements for the DPLL.
Figure 6-8. DPLL Power Supply Connectivity
Table 6-1. DPLL Power Supply Requirements
SUPPLY NAME
DESCRIPTION
MIN NOM
MAX
UNIT
VDDA1P8V_USB0
Supply voltage range for USBPHY and PER DPLL, Analog, 1.8 V
1.71
1.8
1.89
V
Max peak-to-peak supply noise
50
mV (p-p)
VDDS_PLL_MPU
Supply voltage range for DPLL MPU, analog
1.71
1.8
1.89
V
Max peak-to-peak supply noise
50
mV (p-p)
VDDS_PLL_CORE_LCD
Supply voltage range for DPLL CORE and LCD, analog
1.71
1.8
1.89
V
Max peak-to-peak supply noise
50
mV (p-p)
VDDS_PLL_DDR
Supply voltage range for DPLL DDR, analog
1.71
1.8
1.89
V
Max peak-to-peak supply noise
50
mV (p-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com