Electronic Components Datasheet Search
  English  ▼

X  

ISO150 Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO150
Description  DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO150 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO150 Datasheet HTML 2Page - Texas Instruments ISO150 Datasheet HTML 3Page - Texas Instruments ISO150 Datasheet HTML 4Page - Texas Instruments ISO150 Datasheet HTML 5Page - Texas Instruments ISO150 Datasheet HTML 6Page - Texas Instruments ISO150 Datasheet HTML 7Page - Texas Instruments ISO150 Datasheet HTML 8Page - Texas Instruments ISO150 Datasheet HTML 9Page - Texas Instruments ISO150 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
50
40
30
20
10
0
Temperature (5C)
V S = 3.0V
V S = 5.0V
C L = 50pF
60
–60
–40
–20
0
20
40
60
80
100
120
140
5
4
3
2
1
0
VS = 5.0 V
CL = 50 pF
Temperature (5C)
–60
–40
–20
0
20
40
60
80
100
120
140
5
4
3
2
1
V IN(V)
0
0.5
1.0
1.5
2.0
Supply Voltage, V
SS(V)
V T LOW, –40°C
V T HIGH, 125°C
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
2.0
0.2
0
2.1k
1k
100
10
1
Frequency (Hz)
Max DC
Rating
Degraded
Performance
1 k
10 k
100 k
1 M
10 M
100 M
10m
1m
100m
10m
1m
100n
Frequency (Hz)
V ISO= 240Vrms
V ISO= 1500Vrms
100m
1
10
100
1 k
10 k
100 k
1 M
ISO150
SBOS032D – SEPTEMBER 2000 – REVISED AUGUST 2008 .......................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C and VS = 5 V, unless otherwise noted.
PROPAGATION DELAY vs TEMPERATURE
PULSE WIDTH DISTORTION vs TEMPERATURE
Figure 7.
Figure 8.
LOGIC INPUT THRESHOLD VOLTAGE vs SUPPLY
OUTPUT VOLTAGE
VOLTAGE
vs LOGIC INPUT VOLTAGE
Figure 9.
Figure 10.
ISOLATION LEAKAGE CURRENT
vs FREQUENCY
ISOLATION VOLTAGE vs FREQUENCY
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com