Electronic Components Datasheet Search
  English  ▼

X  

ISO150 Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO150
Description  DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO150 Datasheet(HTML) 1 Page - Texas Instruments

  ISO150 Datasheet HTML 1Page - Texas Instruments ISO150 Datasheet HTML 2Page - Texas Instruments ISO150 Datasheet HTML 3Page - Texas Instruments ISO150 Datasheet HTML 4Page - Texas Instruments ISO150 Datasheet HTML 5Page - Texas Instruments ISO150 Datasheet HTML 6Page - Texas Instruments ISO150 Datasheet HTML 7Page - Texas Instruments ISO150 Datasheet HTML 8Page - Texas Instruments ISO150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ISO150
1
FEATURES
DESCRIPTION
APPLICATIONS
Channel 2
Channel 1
Side A
Side B
G
A
D
2A
R/T
2A
D
2B
V
SB
R/T
2B
D1B
GB
R/T1B
V
SA
D
1A
R/T
1A
28
27
26
17
16
15
1
2
3
12
13
14
ISO150
www.ti.com .......................................................................................................................................... SBOS032D – SEPTEMBER 2000 – REVISED AUGUST 2008
DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
• Replaces High-Performance Optocouplers
• Data Rate: 80 M Baud, Typ
The ISO150 is a 2-channel, galvanically-isolated data
coupler capable of data rates of 80M Baud, typical.
• Low Power Consumption: 25 mW Per Channel,
Each channel can be individually programmed to
Max
transmit data in either direction.
• Two Channels, Each Bidirectional,
Data is transmitted across the isolation barrier by
Programmable by User
coupling complementary pulses through high voltage
• Partial Discharge Tested: 2400 Vrms
0.4 pF capacitors. Receiver circuitry restores the
• Creepage Distance of 7,2 mm
pulses to standard logic levels. Differential signal
transmission rejects isolation-mode voltage transients
• Low Cost Per Channel
up to 1.6 kV/
µs
• Available in SO Package
The ISO150 avoids problems commonly associated
• UL 1577 Certified
with optocouplers. Optically isolated couplers require
high current pulses and allowance must be made for
LED aging. The ISO150's Bi-CMOS circuitry operates
• Digital Isolation for A/D, D/A Conversion
at 25 mW per channel.
• Isolated RS-485 Interface
The ISO150 is available in an SO-28 and is specified
• Multiplexed Data Transmission
for operation from –40°C to 85°C.
• Isolated Parallel to Serial Interface
• Test Equipment
• Microprocessor System Interface
• Isolated Line Receiver
• Ground Loop Elimination
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO150

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO150 BURR-BROWN-ISO150 Datasheet
156Kb / 9P
Dual, Isolated, Bi-Directional DIGITAL COUPLER
logo
Texas Instruments
ISO1500 TI1-ISO1500 Datasheet
544Kb / 26P
3-kV Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
ISO1500 TI2-ISO1500 Datasheet
1Mb / 36P
ISO1500 3-kVRMS Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
REVISED FEBRUARY 2020
ISO1500DBQ TI1-ISO1500DBQ Datasheet
544Kb / 26P
3-kV Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
ISO1500DBQ TI2-ISO1500DBQ Datasheet
1Mb / 36P
ISO1500 3-kVRMS Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
REVISED FEBRUARY 2020
More results

Similar Description - ISO150

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO150 BURR-BROWN-ISO150 Datasheet
156Kb / 9P
Dual, Isolated, Bi-Directional DIGITAL COUPLER
ISO518 BURR-BROWN-ISO518 Datasheet
170Kb / 5P
Bidirectional ISOLATED DIGITAL COUPLERS
logo
Linear Technology
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
logo
Analog Devices
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
Coupler Digital Isolator
Rev. I
logo
Innovative Power Produc...
IPP-8038 IPP-IPP-8038 Datasheet
98Kb / 1P
OUTLINE SMD COUPLER BIDIRECTIONAL
IPP-8047 IPP-IPP-8047 Datasheet
68Kb / 1P
OUTLINE SMD COUPLER BIDIRECTIONAL
IPP-8048 IPP-IPP-8048 Datasheet
66Kb / 1P
OUTLINE SMD COUPLER BIDIRECTIONAL
IPP-8071 IPP-IPP-8071 Datasheet
65Kb / 1P
OUTLINE SMD COUPLER BIDIRECTIONAL
logo
Contec Co., Ltd
DIO-24DY-USB CONTEC-DIO-24DY-USB Datasheet
160Kb / 3P
Non-isolated bidirectional digital I/O terminal for USB2.0
logo
Analog Devices
ADE1202 AD-ADE1202 Datasheet
1Mb / 42P
Dual Channel, Configurable, Isolated Digital Input
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com