Electronic Components Datasheet Search
  English  ▼

X  

ISO150 Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO150
Description  DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO150 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO150 Datasheet HTML 3Page - Texas Instruments ISO150 Datasheet HTML 4Page - Texas Instruments ISO150 Datasheet HTML 5Page - Texas Instruments ISO150 Datasheet HTML 6Page - Texas Instruments ISO150 Datasheet HTML 7Page - Texas Instruments ISO150 Datasheet HTML 8Page - Texas Instruments ISO150 Datasheet HTML 9Page - Texas Instruments ISO150 Datasheet HTML 10Page - Texas Instruments ISO150 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
1016
1015
1014
1013
1012
1011
1010
0
20
40
60
80
100
120
140
160
180
Temperature (5C)
ISOLATION BARRIER
ISO150
www.ti.com .......................................................................................................................................... SBOS032D – SEPTEMBER 2000 – REVISED AUGUST 2008
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C and VS = 5 V, unless otherwise noted.
TYPICAL INSULATION RESISTANCE
vs TEMPERATURE
Figure 13.
produced by localized ionization within the barrier;
this is the most sensitive and reliable indicator of
barrier integrity and longevity, and does not damage
Data is transmitted by coupling complementary logic
the barrier. A device fails the test if five or more
pulses to the receiver through two 0.4 pF capacitors.
current pulses of 5pC or greater are detected.
These capacitors are built into the ISO150 package
Conventional isolation barrier testing applies test
with
Faraday
shielding
to
guard
against
false
voltage far in excess of the rated voltage to
triggering by external electrostatic fields.
catastrophically break down a marginal device. A
The integrity of the isolation barrier of the ISO150 is
device that passes the test may be weakened, and
verified by partial discharge testing: 2400 Vrms, 60
lead to premature failure.
Hz, is applied across the barrier for one second while
measuring any tiny discharge currents that might flow
through
the
barrier.
These
current
pulses
are
Copyright © 2000–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ISO150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com