Electronic Components Datasheet Search
  English  ▼

X  

DF1706E Datasheet(PDF) 6 Page - Texas Instruments

Part # DF1706E
Description  Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DF1706E Datasheet(HTML) 6 Page - Texas Instruments

Back Button DF1706E Datasheet HTML 2Page - Texas Instruments DF1706E Datasheet HTML 3Page - Texas Instruments DF1706E Datasheet HTML 4Page - Texas Instruments DF1706E Datasheet HTML 5Page - Texas Instruments DF1706E Datasheet HTML 6Page - Texas Instruments DF1706E Datasheet HTML 7Page - Texas Instruments DF1706E Datasheet HTML 8Page - Texas Instruments DF1706E Datasheet HTML 9Page - Texas Instruments DF1706E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DF1706
6
SBAS182
SYSTEM CLOCK REQUIREMENTS
The system clock of the DF1706 can be supplied by either an
external clock signal at XTI (pin 6), or by the on-chip crystal
oscillator. The system clock rate must run at 128fS, 192fS,
256fS, 384fS, 512fS, or 768fS, where fS is the audio sampling
rate. When a 128fS or 192fS system clock is applied to
DF1706, the Over-Sampling Ratio (OSR) of the DF1706's
digital filter should be four times instead of eight times. The
OSR can be selected by the x4 pin (pin 21) in hardware mode
or x4 bit on MODE 2 register in software mode.
It should be noted that a 768fS system clock cannot be used
when fS is larger than 48kHz. Both 128fS and 192fS system
clock can be used when fS is larger than 96kHz. In addition,
the on-chip crystal oscillator is limited to a maximum fre-
quency of 24.0MHz. Table I shows the typical system clock
frequencies for selected sample rates.
The DF1706 includes a system clock detection circuit that
determines the system clock rate in use. The circuit compares
the system clock input (XTI) frequency with the LRCIN input
rate to determine the system clock multiplier. Ideally, LRCIN
and BCKIN should be derived from the system clock to
ensure proper synchronization. If the phase difference be-
tween the system clock and LRCIN is larger than
±4 bit clock
(BCKIN) periods, the synchronization of the system and
LRCIN clocks will be performed automatically by the DF1706.
Timing requirements for the system clock input are shown in
Figure 1.
SYSTEM CLOCK FREQUENCY (MHz)
SAMPLING RATE FREQUENCY (fS)256fS
128fS
192fS
256fS
384fS
512fS
768fS
32kHz
N/A
N/A
8.192
12.288
16.384
24.576(1)
44.1kHz
N/A
N/A
11.2896
16.934
22.5792
33.8688(1)
48kHz
N/A
N/A
12.288
18.432
24.576(1)
36.864(1)
88.2kHz
N/A
N/A
22.5792(1)
33.8688(1)
N/A
N/A
96kHz
N/A
N/A
24.576
36.864(1)
N/A
N/A
176.4kHz
22.5792(2)
33.8688(1)(2)
N/A
N/A
N/A
N/A
192kHz
24.576(1)(2)
36.864(1)(2)
N/A
N/A
N/A
N/A
NOTES: (1) Crystal oscillator frequency using internal oscillator is not covered at frequency larger than 24.0MHz. (2) x4 (pin 21) should be set to HIGH.
TABLE I. Typical System Clock Frequencies.
FIGURE 1. System Clock Timing.
RESET
The DF1706 has both an internal power-on reset circuit and
a reset pin, RST (pin 14), for providing an external reset
signal. The internal power-on reset is performed automati-
cally when power is applied to the DF1706, as shown in
Figure 2. The RST pin can be used to synchronize the
DF1706 with a system reset signal, as shown in Figure 3.
During the power-on reset period (1024 system clocks), the
outputs of BCKO, DOL, and DOR are forced LOW and the
output of WCKO is forced HIGH. For an external forced reset,
the outputs of BCKO, DOL, and DOR are forced LOW and the
output of WCKO is forced HIGH during the initialization
period (1024 system clocks), which occurs after the LOW-to-
HIGH transition of the RST pin (see Figure 3).
1024 system clocks
Reset
Reset Removal
VCC/VDD 2.5V
2.8V
1.8V
Internal Reset
System Clock
FIGURE 2. Internal Power-On Reset Timing.
t
SCKH
t
SCKL
2.0V
0.8V
HIGH
LOW
System Clock
NOTE: (1) For f
S = 96kHz and SCK = 256fS, tSCKIH = 14ns (min)
t
SCKIL = 14ns (min)
For f
S ≠ 96kHz and SCK = 256fS, tSCKIH = 20ns (min)
t
SCKIL = 20ns (min)
SYMBOL
PARAMETERS
MIN
MAX
UNITS
t
SCKH
System Clock Pulse Width HIGH
12
ns(1)
t
SCKL
System Clock Pulse Width LOW
12
ns(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com